Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 62Page - Cirrus Logic CS5480 Datasheet HTML 63Page - Cirrus Logic CS5480 Datasheet HTML 64Page - Cirrus Logic CS5480 Datasheet HTML 65Page - Cirrus Logic CS5480 Datasheet HTML 66Page - Cirrus Logic CS5480 Datasheet HTML 67Page - Cirrus Logic CS5480 Datasheet HTML 68Page - Cirrus Logic CS5480 Datasheet HTML 69Page - Cirrus Logic CS5480 Datasheet HTML 70Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
CS5480
66
DS980F3
8. BASIC APPLICATION CIRCUITS
Figure 27 shows the CS5480 configured to measure
power in a single-phase, 3-wire system with 1 voltage
and 2 currents (1V-2I). Figure 28 shows the CS5480
configured to measure power in a single-phase, 2-wire
system with 1 voltage, 1 line current and 1 neutral
current
(1V-1I-1N).
In
these
diagrams,
current
transformers (CTs) are used to sense the line load
currents, and resistive voltage dividers are used to
sense the line voltage.
CT
CT
5 x 330K
CS5480
27nF
27nF
1K
1K
L1
L2
N
IIN1+
IIN1-
IIN2+
IIN2-
Application
Processor
RESET
RX
TX
GNDA GNDD
DO3
DO1
DO2
VDDA
+3.3V
0.1µF
0.1µF
+3.3V
VDDD
+3.3V
VREF-
VREF+
0.1µF
27nF
27nF
1K
1K
½ R BURDEN
Wh
Varh
4.096MHz
XIN
XOUT
SSEL
Interrupt
½ R BURDEN
½ R BURDEN
½ R BURDEN
MODE
VIN+
VIN-
27nF
27nF
1K
1K
+3.3V
LOA D
LOA D
0.1 µF
10K
+3.3V
CS
1 Voltage and 2 Current
Figure 27. Typical Single-phase 3-Wire Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com