Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 20Page - Cirrus Logic CS5480 Datasheet HTML 21Page - Cirrus Logic CS5480 Datasheet HTML 22Page - Cirrus Logic CS5480 Datasheet HTML 23Page - Cirrus Logic CS5480 Datasheet HTML 24Page - Cirrus Logic CS5480 Datasheet HTML 25Page - Cirrus Logic CS5480 Datasheet HTML 26Page - Cirrus Logic CS5480 Datasheet HTML 27Page - Cirrus Logic CS5480 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
CS5480
24
DS980F3
5.6 Tamper Detection and Correction
In the 1V-1I-1N meter configuration mode, the CS5480
provides flexibility for the user and application program
to adjust the anti-tampering scheme automatically or
manually. Automatic channel selection is enabled by
default. For manual channel selection refer to section
5.6.1.2 Manual Channel Selection on page 25.
The CS5480 provides compensation for at least two
forms of meter tampering — current and voltage tam-
pering.
5.6.1 Anti-tampering on Current
In the 1V-1I-1N mode, current tampering is deterred by
an automatic or manual channel selection scheme. A
dedicated second neutral current input is provided in the
event that the primary current input is impaired by tam-
pering.
5.6.1.1 Automatic Channel Selection
Automatic channel selection is standard in the CS5480.
When tampering is detected, the CS5480 will automatical-
ly select the channel with the greater PxAVG or IxRMS mag-
nitude as the contributor to the total power registers. Using
either PxAVG or IxRMS magnitude depends on the setting
of the IVSP bit in the Config2 register.
To avoid repeated channel transitions at light load, the
Channel Select Minimum Amplitude (PMIN (IRMSMIN))
register sets a minimum level for automatic channel selec-
tion. When either P1AVG (I1RMS) or P2AVG (I2RMS) is
greater than PMIN (IRMSMIN), the CS5480 will enable au-
tomatic channel selection. Within the automatic selection
region, the Channel Select Level (IchanLEVEL) register
sets a minimum difference that will allow an automatic
channel change. The channel select level provides hyster-
esis to prevent repeated channel transitions that would oc-
cur when the primary line current and neutral current are
nearly equal.
Figure 15 shows how the automatic channel selection is
performed. In this figure, the magnitudes of P1AVG and
P2AVG are used for automatic channel selection (IVSP
= 0) and IchanLEVEL = 1.02.
•The P1AVG and P2AVG must meet the Channel
Select Minimum Amplitude (IchanLEVEL). The
highest channel is active, P1AVG in this example.
• Even when the active channel (P1AVG) moves below
the previously lower channel (P2AVG), the channel
selection does not change.
• The new channel selection is only made when the
difference between P1AVG and P2AVG is greater than
2% x P1AVG or P2AVG > P1AVG x IchanLEVEL (1.02).
Channel Select Level
(
Ichan LEVEL)
2% minimum difference
Channel Select Level
(
Ichan LEVEL)
2% minimum difference
Channel Select Minimum Amplitude
PMIN (IRMSMIN)
P1AVG
P2AVG
1
2
3
Channel 1 - Remains Active
Channel 2 - Active
Channel 1 - Active
Automatic Channel
Selection Region
Disabled Automatic Channel
Selection Region
Figure 15. Automatic Channel Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com