Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 19Page - Cirrus Logic CS5480 Datasheet HTML 20Page - Cirrus Logic CS5480 Datasheet HTML 21Page - Cirrus Logic CS5480 Datasheet HTML 22Page - Cirrus Logic CS5480 Datasheet HTML 23Page - Cirrus Logic CS5480 Datasheet HTML 24Page - Cirrus Logic CS5480 Datasheet HTML 25Page - Cirrus Logic CS5480 Datasheet HTML 26Page - Cirrus Logic CS5480 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
CS5480
DS980F3
23
5.5 Meter Configuration Modes
There are two distinct meter configuration modes in the
CS5480 that affect how the total active, reactive, and ap-
parent power calculations are performed. The CS5480
has power results for each current channel as well as total
power registers (PSUM, QSUM, and SSUM). The total power
registers are calculated from either one or both channels,
depending on the meter configuration modes. See Table 2
for power calculations in each mode.
The Meter Configuration (MCFG) bits in the configuration
(Config2) register set the meter configuration modes. For
each meter mode, the current channels are interpreted dif-
ferently. In the one voltage and two line currents (1V – 2I)
mode, the CS5480 treats the two currents as individual
contributors to the overall power. In the one voltage, one
line current, and one neutral current (1V – 1I – 1N) mode,
the currents are treated as duplicate copies of the same
load current, and the total power is calculated from the
highest current or the one the customer has specified. The
MCFG multiplexers in Figure 14 show the data path for
both modes.
Table 2. Meter Configuration Modes
2
÷
VFRMS
P2
I2RMS
1
0
I1RMS
P1
N
÷
N
÷
N
N
1
0
P2AVG
P1AVG
01
00
1
0
PSUM
2
÷
Q2
Q1
N
÷
N
÷
N
N
Q2AVG
Q1AVG
01
00
1
0
QSUM
2
÷
S2
S1
01
00
1
0
SSUM
VFIX
(Config2)
MCFG[1:0]
(Config2)
ICHAN
(IHOLD = 1)
Figure 14. Channel Selection and Tamper Protection Flow
Meter
Mode
MCFG
[1:0]
Total Power
Calculations
1V-2I
01
2
,
2
,
2
1V-1I-1N
(I1RMS > I2RMS)*
(P1AVG > P2AVG)*
00
(Default)
1V-1I-1N
(I1RMS < I2RMS)*
(P1AVG < P2AVG)*
00
(Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com