Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 33Page - Cirrus Logic CS5480 Datasheet HTML 34Page - Cirrus Logic CS5480 Datasheet HTML 35Page - Cirrus Logic CS5480 Datasheet HTML 36Page - Cirrus Logic CS5480 Datasheet HTML 37Page - Cirrus Logic CS5480 Datasheet HTML 38Page - Cirrus Logic CS5480 Datasheet HTML 39Page - Cirrus Logic CS5480 Datasheet HTML 40Page - Cirrus Logic CS5480 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
CS5480
DS980F3
37
6.6 Register Descriptions
22.
“Default” = bit states after power-on or reset
23.
DO NOT write a “1” to any unpublished register bit or to a bit published as “0”.
24.
DO NOT write a “0” to any bit published as “1”.
25.
DO NOT write to any unpublished register address.
6.6.1 Configuration 0 (Config0) – Page 0, Address 0
Default = 0xC0 2000
[23:9]
Reserved.
INT_POL
Interrupt Polarity.
0 = Active low (Default)
1 = Active high
I2PGA[1:0]
Select PGA gain for I2 channel.
00 = 10x gain (Default)
10 = 50x gain
I1PGA[1:0]
Select PGA gain for I1 channel.
00 = 10x gain (Default)
10 = 50x gain
[3]
Reserved.
NO_OSC
Disable crystal oscillator (making XIN a logic-level input).
0 = Crystal oscillator enabled (Default)
1 = Crystal oscillator disabled
IZX_CH
Select current channel for zero-cross detect.
0 = Selects current channel 1 for zero-cross detect (Default)
1 = Selects current channel 2 for zero-cross detect
[0]
Reserved.
23
22
21
20
19
18
17
16
1
100
-
-
-
-
15
14
13
12
11
10
9
8
-
010
0
-
-
INT_POL
7
654
32
1
0
I2PGA[1]
I2PGA[0]
I1PGA[1]
I1PGA[0]
-
NO_OSC
IZX_CH
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com