Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 13Page - Cirrus Logic CS5480 Datasheet HTML 14Page - Cirrus Logic CS5480 Datasheet HTML 15Page - Cirrus Logic CS5480 Datasheet HTML 16Page - Cirrus Logic CS5480 Datasheet HTML 17Page - Cirrus Logic CS5480 Datasheet HTML 18Page - Cirrus Logic CS5480 Datasheet HTML 19Page - Cirrus Logic CS5480 Datasheet HTML 20Page - Cirrus Logic CS5480 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
CS5480
DS980F3
17
4. SIGNAL FLOW DESCRIPTION
The signal flow for voltage measurement, current
measurement, and the other calculations is shown in
Figures 9, 10, and 11.
The signal flow consists of two current channels and a
voltage channel. Even though the CS5480 has only one
voltage channel or voltage analog signal input, there are
two separate voltage digital signal paths (V1 and V2).
Both V1 and V2 come from the same ADC output. Each
current and voltage channel has its own differential
input pin.
4.1 Analog-to-Digital Converters
All three input channels use fourth-order delta-sigma
modulators to convert the analog inputs to single-bit
digital data streams. The converters sample at a rate of
MCLK/8. This high sampling provides a wide dynamic
range and simplifies anti-alias filter design.
4.2 Decimation Filters
The single-bit modulator output data is widened to 24
bits and down sampled to MCLK/1024 with low-pass
decimation filters. These decimation filters are
third-order Sinc filters. The outputs of the filters are
passed through an IIR "anti-sinc" filter.
4.3 IIR Filters
The IIR filters are used to compensate for the amplitude
roll-off of the decimation filters. The droop-correction
filter flattens the magnitude response of the channel out
to the Nyquist frequency, thus allowing for accurate
measurements of up to 2kHz (MCLK = 4.096MHz). By
default, the IIR filters are enabled. The IIR filters can be
bypassed by setting the IIR_OFF bit in the Config2
register.
SINC3
IIN2±
SINC3
PGA
HPF
DELAY
CTRL
2
PMF
HPF
PMF
IIR
Phase
Shift
Config 2
DELAY
CTRL
INT
Registers
Q2
V2
P2
I2
SYSGAIN
...
...
I2FLT[1:0]
V2FLT[1:0]
V2DCOFF
I2DCOFF
I2GAIN
V2GAIN
PC
...
...
FPCC2[8:0]
CPCC2[1:0]
...
IIR
Epsilon
From V Channel ADC
4th Order

Modulator
Figure 9. Signal Flow for V1, I1, P1, Q1 Measurements
SINC3
IIN2±
SINC3
PGA
HPF
DELAY
CTRL
2
PMF
HPF
PMF
IIR
Phase
Shift
Config 2
DELAY
CTRL
INT
Registers
Q2
V2
P2
I2
SYSGAIN
...
...
I2FLT[1:0]
V2FLT[1:0]
V2DCOFF
I2DCOFF
I2GAIN
V2GAIN
PC
...
...
FPCC2[8:0]
CPCC2[1:0]
...
IIR
Epsilon
From V Channel ADC
4th Order

Modulator
Figure 10. Signal Flow for V2, I2, P2, and Q2 Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com