Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 30Page - Cirrus Logic CS5480 Datasheet HTML 31Page - Cirrus Logic CS5480 Datasheet HTML 32Page - Cirrus Logic CS5480 Datasheet HTML 33Page - Cirrus Logic CS5480 Datasheet HTML 34Page - Cirrus Logic CS5480 Datasheet HTML 35Page - Cirrus Logic CS5480 Datasheet HTML 36Page - Cirrus Logic CS5480 Datasheet HTML 37Page - Cirrus Logic CS5480 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
CS5480
34
DS980F3
51**
11 0011
SampleCount
Sample Count
N
Y
0x 00 0FA0
52
11 0100
-
Reserved
-
53
11 0101
-
Reserved
-
54*
11 0110
TGAIN
Temperature Gain
Y
Y
0x 06 B716
55*
11 0111
TOFF
Temperature Offset
Y
Y
0x D5 3998
56*
11 1000
PMIN(IRMSMIN) Channel Select Minimum Amplitude
Y
Y
0x 00 624D
57
11 1001
TSETTLE
Filter Settling Time to Conv. Startup
Y
Y
0x 00 001E
58*
11 1010
LoadMIN
No Load Threshold
Y
Y
0x 00 0000
59*
11 1011
VFRMS
Voltage Fixed RMS Reference
Y
Y
0x 5A 8279
60*
11 1100
SYSGAIN
System Gain
N
Y
0x 50 0000
61
11 1101
Time
System Time (in samples)
N
Y
0x 00 0000
62
11 1110
-
Reserved
-
63
11 1111
-
Reserved
-
Notes:
(1) Warning: Do not write to unpublished or reserved register locations.
(2) * Registers with checksum protection.
** When setting the AVG_MODE bit (AVG_MODE = ‘1’) in the Config2 register, the device will
use the Line-cycle Synchronized Averaging mode and the CycleCount register will be includ-
ed in the checksum. Otherwise the SampleCount register will be included.
(3) Registers that can be set to write protect from DSP and/or HOST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com