Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 23Page - Cirrus Logic CS5480 Datasheet HTML 24Page - Cirrus Logic CS5480 Datasheet HTML 25Page - Cirrus Logic CS5480 Datasheet HTML 26Page - Cirrus Logic CS5480 Datasheet HTML 27Page - Cirrus Logic CS5480 Datasheet HTML 28Page - Cirrus Logic CS5480 Datasheet HTML 29Page - Cirrus Logic CS5480 Datasheet HTML 30Page - Cirrus Logic CS5480 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
CS5480
DS980F3
27
5.9 Phase Sequence Detection
Polyphase meters using multiple CS5480 devices may
be configured to sense the succession of voltage
zero-crossings and determine which phase order is in
service. The phase sequence detection within CS5480
involves counting the number of OWR samples from a
starting point to the next voltage zero-crossing rising
edge or falling for each phase. By comparing the count
for each phase, the phase sequence can be easily
determined: the smallest count is first, and the largest
count is last.
The phase sequence detection and control register
PSDC provides the count control, zero-crossing
direction and count results. Writing '0' to bit DONE and
'10110' to bits CODE[4:0] of the PSDC register followed
by a falling edge on the RX pin will initiate the phase
sequence detection circuit. The RX pin must be held low
for a minimum of 500ns. When the device is in UART
mode, it is recommended that a 0xFF command be
written to all parts to start the phase sequence
detection. Multiple CS5480 devices in a polyphase
meter must receive the register writing and the RX
falling edge at the same time so that all CS5480 devices
starts to count simultaneously. Bit DIR of PSDC register
specifies the direction of the next zero crossing at which
the count stops. If bit DIR is '0', the count stops at the
next negative-to-positive zero crossing. If bit DIR is '1',
the count stops at the next positive-to-negative zero
crossing. When the count stops, the DONE bit will be
set by the CS5480, and then the count result of each
phase may be read from bits PSCNT[6:0] of the PSDC
register.
If the PSCNT[6:0] bits are equal to 0x00, 0x7F or
greater than 0x64 (for 50Hz) or 0x50 (for 60Hz), then a
measurement
error
has
occurred,
and
the
measurement results should be disregarded. This could
happen when the voltage input signal amplitude is lower
than the amplitude specified in the VZXLEVEL register.
To determine the phase order, the PSCNT[6:0] bit
counts from each CS5480 are sorted in ascending
order. Figure 18 and Figure 19 illustrate how phase
sequence detection is performed.
Phase sequences A, B, and C for the default rising edge
transition are illustrated in Figure 18. The PSCNT[6:0]
bits from the CS5480 on phase A will have the lowest
count, followed by the PSCNT[6:0] bits from the
CS5480 on phase B with the middle count, and the
PSCNT[6:0] bits from the CS5480 on phase C with the
highest count.
Phase sequences C, B, and A for rising edge transition
are illustrated in Figure 19. The PSCNT[6:0] bits from
the CS5480 on phase C will have the lowest count,
followed by the PSCNT[6:0] bits from the CS5480 on
phase B with the middle count, and the PSCNT[6:0] bits
from the CS5480 on phase A with the highest count.
5.10 Temperature Measurement
The CS5480 has an internal temperature sensor, which
is designed to measure temperature and optionally
compensate for temperature drift of the voltage
reference. Temperature measurements are stored in
the Temperature register (T), which, by default, is
configured to a range of ±128 degrees on the Celsius
(°C) scale.
Figure 18. Phase Sequence A, B, C for Rising Edge Transition
-2
0
2
Phase A Channel
-2
0
2
Phase B Channel
-2
0
2
Phase C Channel
Write 0x16 to
PSDC Register
Start on the Falling
Edge on the RX Pin
Stop
Stop
Stop
Phase C Count
Phase B Count
Phase A Count
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com