Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 29Page - Cirrus Logic CS5480 Datasheet HTML 30Page - Cirrus Logic CS5480 Datasheet HTML 31Page - Cirrus Logic CS5480 Datasheet HTML 32Page - Cirrus Logic CS5480 Datasheet HTML 33Page - Cirrus Logic CS5480 Datasheet HTML 34Page - Cirrus Logic CS5480 Datasheet HTML 35Page - Cirrus Logic CS5480 Datasheet HTML 36Page - Cirrus Logic CS5480 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
CS5480
DS980F3
33
6.3 Software Registers Summary (Page 16)
Address2 RA[5:0]
Name
Description1
DSP3 HOST 3 Default
0*
00 0000
Config2
Configuration 2
Y
Y
0x 00 0200
1
00 0001
RegChk
Register Checksum
N
Y
0x 00 0000
2
00 0010
I1
I1 Instantaneous Current
N
Y
0x 00 0000
3
00 0011
V1
V1 Instantaneous Voltage
N
Y
0x 00 0000
4
00 0100
P1
Instantaneous Power 1
N
Y
0x 00 0000
5
00 0101
P1AVG
Active Power 1
N
Y
0x 00 0000
6
00 0110
I1RMS
I1 RMS Current
N
Y
0x 00 0000
7
00 0111
V1RMS
V1 RMS Voltage
N
Y
0x 00 0000
8
00 1000
I2
I2 Instantaneous Current
N
Y
0x 00 0000
9
00 1001
V2
V2 Instantaneous Voltage
N
Y
0x 00 0000
10
00 1010
P2
Instantaneous Power 2
N
Y
0x 00 0000
11
00 1011
P2AVG
Active Power 2
N
Y
0x 00 0000
12
00 1100
I2RMS
I2 RMS Current
N
Y
0x 00 0000
13
00 1101
V2RMS
V2 RMS Voltage
N
Y
0x 00 0000
14
00 1110
Q1AVG
Reactive Power 1
N
Y
0x 00 0000
15
00 1111
Q1
Instantaneous Reactive Power 1
N
Y
0x 00 0000
16
01 0000
Q2AVG
Reactive Power 2
N
Y
0x 00 0000
17
01 0001
Q2
Instantaneous Reactive Power 2
N
Y
0x 00 0000
18
01 0010
-
Reserved
-
19
01 0011
-
Reserved
-
20
01 0100
S1
Apparent Power 1
N
Y
0x 00 0000
21
01 0101
PF1
Power Factor 1
N
Y
0x 00 0000
22
01 0110
-
Reserved
-
23
01 0111
-
Reserved
-
24
01 1000
S2
Apparent Power 2
N
Y
0x 00 0000
25
01 1001
PF2
Power Factor 2
N
Y
0x 00 0000
26
01 1010
-
Reserved
-
27
01 1011
T
Temperature
N
Y
0x 00 0000
28
01 1100
-
Reserved
-
29
01 1101
PSUM
Total Active Power
N
Y
0x 00 0000
30
01 1110
SSUM
Total Apparent Power
N
Y
0x 00 0000
31
01 1111
QSUM
Total Reactive Power
N
Y
0x 00 0000
32*
10 0000
I1DCOFF
I1 DC Offset
Y
Y
0x 00 0000
33*
10 0001
I1GAIN
I1 Gain
Y
Y
0x 40 0000
34*
10 0010
V1DCOFF
V1 DC Offset
Y
Y
0x 00 0000
35*
10 0011
V1GAIN
V1 Gain
Y
Y
0x 40 0000
36*
10 0100
P1OFF
Average Active Power 1 Offset
Y
Y
0x 00 0000
37*
10 0101
I1ACOFF
I1 AC Offset
Y
Y
0x 00 0000
38*
10 0110
Q1OFF
Average Reactive Power 1 Offset
Y
Y
0x 00 0000
39*
10 0111
I2DCOFF
I2 DC Offset
Y
Y
0x 00 0000
40*
10 1000
I2GAIN
I2 Gain
Y
Y
0x 40 0000
41*
10 1001
V2DCOFF
V2 DC Offset
Y
Y
0x 00 0000
42*
10 1010
V2GAIN
V2 Gain
Y
Y
0x 40 0000
43*
10 1011
P2OFF
Average Active Power 2 Offset
Y
Y
0x 00 0000
44*
10 1100
I2ACOFF
I2 AC Offset
Y
Y
0x 00 0000
45*
10 1101
Q2OFF
Average Reactive Power 2 Offset
Y
Y
0x 00 0000
46
10 1110
-
Reserved
-
47
10 1111
-
Reserved
-
48
11 0000
-
Reserved
-
49
11 0001
Epsilon
Ratio of Line to Sample Frequency
N
Y
0x 01 999A
50*
11 0010
IchanLEVEL
Automatic Channel Select Level
Y
Y
0x 82 8F5C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com