Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 47Page - Cirrus Logic CS5480 Datasheet HTML 48Page - Cirrus Logic CS5480 Datasheet HTML 49Page - Cirrus Logic CS5480 Datasheet HTML 50Page - Cirrus Logic CS5480 Datasheet HTML 51Page - Cirrus Logic CS5480 Datasheet HTML 52Page - Cirrus Logic CS5480 Datasheet HTML 53Page - Cirrus Logic CS5480 Datasheet HTML 54Page - Cirrus Logic CS5480 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
CS5480
DS980F3
51
6.6.25 System Gain (SysGAIN) – Page 16, Address 60
Default = 0x50 0000 (1.25)
System Gain (SysGAIN) is applied to all channels.
By default, SysGAIN = 1.25, but can be finely adjusted to compensate for voltage reference error. It is a two's
complement value in the range of -2.0
value2.0, with the binary point to the right of the second MSB. Values
should be kept within 5% of 1.25.
6.6.26 Rogowski Coil Integrator Gain (IntGAIN) – Page 18, Address 43
Default = 0x14 3958
Gain for the Rogowski coil integrator. This must be programmed accordingly for 50Hz and 60Hz (0.158 for
50Hz, 0.1875 for 60Hz).
This is a two's complement value in the range of -1.0
value1.0, with the binary point to the right of the MSB.
Negative values are not used.
6.6.27 System Time (Time) – Page 16, Address 61
Default = 0x00 0000
System Time (Time) is measured in OWR samples.
This is an unsigned integer in the range of 0 to 16,777,215 samples. At OWR = 4.0kHz, OWR will overflow
every 1 hour, 9 minutes, and 54 seconds. Time can be used by the application to manage real-time events.
6.6.28 Voltage 1 Sag Duration (V1SagDUR) – Page 17, Address 0
Default = 0x00 0000
Voltage 1 Sag Duration, V1SagDUR, determines the count of OWR samples utilized to determine a sag event.
These are integers in the range of 0 to 8,388,607 samples. A value of zero disables the feature.
MSB
LSB
-(21)20
2-1
2-2
2-3
2-4
2-5
2-6
.....
2-16
2-17
2-18
2-19
2-20
2-21
2-22
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com