Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 36Page - Cirrus Logic CS5480 Datasheet HTML 37Page - Cirrus Logic CS5480 Datasheet HTML 38Page - Cirrus Logic CS5480 Datasheet HTML 39Page - Cirrus Logic CS5480 Datasheet HTML 40Page - Cirrus Logic CS5480 Datasheet HTML 41Page - Cirrus Logic CS5480 Datasheet HTML 42Page - Cirrus Logic CS5480 Datasheet HTML 43Page - Cirrus Logic CS5480 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
CS5480
40
DS980F3
6.6.3 Configuration 2 (Config2) – Page 16, Address 0
Default = 0x00 0200
VFIX
Use internal RMS voltage reference instead of voltage input for average active power.
0 = Use voltage input. (Default)
1 = Use internal RMS voltage reference (VFRMS).
POS
Positive energy only. Suppress negative values in P1AVG and P2AVG. If a negative
value is calculated, a zero result will be stored.
0 = Positive and negative energy (Default)
1 = Positive energy only
ICHAN
Chooses which current channel is used for the PSUM, QSUM, SSUM registers.
Applicable only when MCFG[1:0] = 00 and IHOLD = 1.
0 = PSUM, QSUM, and SSUM registers are driven by current channel 1 (P1) (Default)
1 = PSUM, QSUM, and SSUM registers are driven by current channel 2 (P2).
IHOLD
IHOLD suspends automatic channel selection for total power calculations. Applicable
only when MCFG[1:0] = 00.
0 = Energy channel selected automatically by magnitude compare and on IVSP bit
(Default)
1 = Energy channel selected by user and depend on ICHAN configuration
Refer to Channel Select Level and Channel Select Minimum Amplitude registers
(IchanLEVEL) and PMIN (IRMSMIN) for the magnitudes compared.
IVSP
Use IRMS results instead of PAVG for automatic energy channel selection. Applicable
only when MCFG[1:0] = 00 and IHOLD = 0.
0 = Use P1AVG and P2AVG instead of I1RMS and I2RMS (Default)
1 = Use I1RMS and I2RMS instead of P1AVG and P2AVG
MCFG[1:0]
Meter Configuration bits are used to control how the meter interprets the current
channels when calculating total power — independently or collectively.
00 = 1V, 1I + Neutral mode; PSUM =P1AVG or P2AVG,QSUM =Q1AVG or Q2AVG,SSUM =S1orS2
(Default)
01 = 1V, 2I mode; PSUM = (P1AVG+P2AVG)/2, QSUM=(Q1AVG+Q2AVG)/2, SSUM=(S1+S2)/2
10 = Reserved
11 = Reserved
[16:15]
Reserved.
APCM
Selects the apparent power calculation method.
0 = VxRMS x IxRMS (Default)
1 = SQRT(PAVG2 + QAVG2)
[13]
Reserved.
ZX_LPF
Enable LPF in zero-cross detect.
0 = LPF disabled (Default)
1 = LPF enabled
AVG_MODE
Select averaging mode for low-rate calculations.
0 = Use SampleCount (Default)
1 = Use CycleCount
23
22
21
20
19
18
17
16
VFIX
POS
ICHAN
IHOLD
IVSP
MCFG[1]
MCFG[0]
-
15
14
13
12
11
10
9
8
-
APCM
-
ZX_LPF
AVG_MODE REG_CSUM_OFF
AFC
I2FLT[1]
7
654
3
2
1
0
I2FLT[0]
V2FLT[1]
V2FLT[0]
I1FLT[1]
I1FLT[0]
V1FLT[1]
V1FLT[0]
IIR_OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com