Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 56Page - Cirrus Logic CS5480 Datasheet HTML 57Page - Cirrus Logic CS5480 Datasheet HTML 58Page - Cirrus Logic CS5480 Datasheet HTML 59Page - Cirrus Logic CS5480 Datasheet HTML 60Page - Cirrus Logic CS5480 Datasheet HTML 61Page - Cirrus Logic CS5480 Datasheet HTML 62Page - Cirrus Logic CS5480 Datasheet HTML 63Page - Cirrus Logic CS5480 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
CS5480
60
DS980F3
6.6.68 DC Offset for Current (I1DCOFF , I2DCOFF) – Page 16, Address 32, 39
Default = 0x00 0000
DC offset registers I1DCOFF and I2DCOFF are initialized to zero on reset. During DC offset calibration, selected
registers are written with the inverse of the DC offset measured. The application program can also write the
DC offset register values. These are two's complement values in the range of -1.0
value1.0, with the binary
point to the right of the MSB.
6.6.69 DC Offset for Voltage (V1DCOFF , V2DCOFF) – Page 16, Address 34, 41
Default = 0x00 0000
DC offset registers V1DCOFF and V2DCOFF are initialized to zero on reset. During DC offset calibration, select-
ed registers are written with the inverse of the DC offset measured. The application program can also write
the DC offset register values. These are two's complement values in the range of -1.0
value1.0, with the
binary point to the right of the MSB.
6.6.70 Gain for Current (I1GAIN, I2GAIN) – Page 16, Address 33, 40
Default = 0x40 0000 (1.0)
Gain registers I1GAIN and I2GAIN are initialized to 1.0 on reset. During gain calibration, selected registers are
written with the multiplicative inverse of the gain measured. These are unsigned, fixed-point values in the
range of 0
value4.0, with the binary point to the right of the second MSB.
6.6.71 Gain for Voltage (V1GAIN, V2GAIN) – Page 16, Address 35, 42
Default = 0x40 0000 (1.0)
Gain registers V1GAIN and V2GAIN are initialized to 1.0 on reset. During gain calibration, selected register are
written with the multiplicative inverse of the gain measured. These are unsigned fixed-point values in the
range of 0
value4.0, with the binary point to the right of the second MSB.
6.6.72 Average Active Power Offset (P1OFF, P2OFF) – Page 16, Address 36, 43
Default = 0x00 0000
Average Active Power offset P1OFF (P2OFF) is added to averaged power to yield P1AVG (P2AVG) register re-
sults. It can be used to reduce systematic energy errors. These are two's complement values in the range of
-1.0
 value 1.0, with the binary point to the right of the MSB.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
21
20
2-1
2-2
2-3
2-4
2-5
2-6
.....
2-16
2-17
2-18
2-19
2-20
2-21
2-22
MSB
LSB
21
20
2-1
2-2
2-3
2-4
2-5
2-6
.....
2-16
2-17
2-18
2-19
2-20
2-21
2-22
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com