Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 55Page - Cirrus Logic CS5480 Datasheet HTML 56Page - Cirrus Logic CS5480 Datasheet HTML 57Page - Cirrus Logic CS5480 Datasheet HTML 58Page - Cirrus Logic CS5480 Datasheet HTML 59Page - Cirrus Logic CS5480 Datasheet HTML 60Page - Cirrus Logic CS5480 Datasheet HTML 61Page - Cirrus Logic CS5480 Datasheet HTML 62Page - Cirrus Logic CS5480 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
CS5480
DS980F3
59
6.6.64 Temperature (T) – Page 16, Address 27
Default = 0x00 0000
T contains results from the on-chip temperature measurement.
By default, T uses the Celsius scale, and is a two's complement value in the range of -128.0
value128.0
(°C), with the binary point to the right of bit 16. Negative values are not used.
T can be rescaled by the application using the TGAIN and TOFF registers.
6.6.65 Total Active Power (PSUM) – Page 16, Address 29
Default = 0x00 0000
PSUM =P1AVG+P2AVG if MCFG[1:0] = 01
PSUM =P1AVG or P2AVG if MCFG[1:0] = 00
This is a two's complement value in the range of -1.0
value1.0, with the binary point to the right of the MSB.
6.6.66 Total Apparent Power (SSUM) – Page 16, Address 30
Default = 0x00 0000
SSUM = S1+S2 if MCFG[1:0] = 01
SSUM = S1 or S2 if MCFG[1:0] = 00
This is an unsigned value in the range of 0
value1.0, with the binary point to the right of the MSB.
6.6.67 Total Reactive Power (QSUM) – Page 16, Address 31
Default = 0x00 0000
QSUM =Q1AVG+Q2AVG if MCFG[1:0] = 01
QSUM =Q1AVG or Q2AVG if MCFG[1:0] = 00
This is a two's complement value in the range of -1.0
value1.0, with the binary point to the right of the MSB.
MSB
LSB
-(27)26
25
24
23
22
21
20
.....
2-10
2-11
2-12
2-13
2-14
2-15
2-16
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
0
2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com