Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 18Page - Cirrus Logic CS5480 Datasheet HTML 19Page - Cirrus Logic CS5480 Datasheet HTML 20Page - Cirrus Logic CS5480 Datasheet HTML 21Page - Cirrus Logic CS5480 Datasheet HTML 22Page - Cirrus Logic CS5480 Datasheet HTML 23Page - Cirrus Logic CS5480 Datasheet HTML 24Page - Cirrus Logic CS5480 Datasheet HTML 25Page - Cirrus Logic CS5480 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
CS5480
22
DS980F3
5.4 Line Frequency Measurement
If the Automatic Frequency Calculation (AFC) bit in the
Config2 register is set, the line frequency measurement
on a voltage channel will be enabled. The line frequency
measurement is based on a number of voltage channel
zero crossings. This number is 100 by default and
configurable through the ZXNUM register (see section
6.6.7 on page 43). The Epsilon register will be updated
automatically with the line frequency information. The
Frequency Update (FUP) bit in the Status0 interrupt
status register is set when the frequency calculation is
completed. When the line frequency is 50Hz and the
ZXNUM register is 100, the Epsilon register is updated
every one second with a resolution of less than 0.1%. A
bigger zero-crossing number in the ZXNUM register will
increase both line frequency measurement resolution
and period. Note that the CS5480 line frequency
measurement function does not support the line
frequency out of the range of 40Hz to 75Hz.
The Epsilon register is also used to set the gain of the
90° phase shift filter used in the quadrature power cal-
culation. The value in the Epsilon register is the ratio of
the line frequency to the output word rate (OWR). For
50Hz line frequency and 4000Hz OWR, Epsilon is
50/4000 (0.0125) (the default). For 60Hz line frequen-
cy, it is 60/4000 (0.015).
VZXLEVEL
IZXLEVEL
If |VPEAK|
> VZXLEVEL, then voltage zero-crossing detection is enabled.
If |IPEAK|
> IZXLEVEL, then current zero-crossing detection is enabled.
Zero-crossing output on DOx pin
Pulse width = 250μs
V(
t), I(t)
DOx
t
t
If |VPEAK|
VZXLEVEL, then voltage zero-crossing detection is disabled.
If |IPEAK|
IZXLEVEL, then current zero-crossing detection is disabled.
Figure 13. Zero-crossing Level and Zero-crossing Output on DOx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com