Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 48Page - Cirrus Logic CS5480 Datasheet HTML 49Page - Cirrus Logic CS5480 Datasheet HTML 50Page - Cirrus Logic CS5480 Datasheet HTML 51Page - Cirrus Logic CS5480 Datasheet HTML 52Page - Cirrus Logic CS5480 Datasheet HTML 53Page - Cirrus Logic CS5480 Datasheet HTML 54Page - Cirrus Logic CS5480 Datasheet HTML 55Page - Cirrus Logic CS5480 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
CS5480
52
DS980F3
6.6.29 Voltage 1 Sag Level (V1SagLEVEL) – Page 17, Address 1
Default = 0x00 0000
Voltage 1 Sag Level, V1SagLEVEL, establishes a threshold at which a sag event is triggered.
This is a two's complement value in the range of -1.0
value 1.0, with the binary point to the right of the MSB.
Negative values are not used.
6.6.30 Current 1 Overcurrent Duration (I1OverDUR) – Page 17, Address 4
Default = 0x00 0000
Current 1 Overcurrent Duration, I1OverDUR, determines the count of OWR samples utilized to determine an
overcurrent event.
This integer is in the range of 0 to 8,388,607 samples. A value of zero disables the feature.
6.6.31 Current 1 Overcurrent Level (I1OverLEVEL) – Page 17, Address 5
Default = 0x7F FFFF
Current 1 Overcurrent Level, I1OverLEVEL, establishes a threshold at which an overcurrent event is triggered.
This is a two's complement value in the range of -1.0
value1.0, with the binary point to the right of the MSB.
Negative values are not used.
6.6.32 Voltage 2 Sag Duration (V2SagDUR) – Page 17, Address 8
Default = 0x00 0000
Voltage 2 Sag Duration, V2SagDUR, determines the count of OWR samples utilized to determine a sag event.
These are integers in the range of 0 to 8,388,607 samples. A value of zero disables the feature.
6.6.33 Voltage 2 Sag Level (V2SagLEVEL) – Page 17, Address 9
Default = 0x00 0000
Voltage 2 Sag Level, V2SagLEVEL, establishes a threshold at which a sag event is triggered.
This is a two’s complement value in the range of -1.0
value1.0, with the binary point to the right of the MSB.
Negative values are not used.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com