Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 30 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 30 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 26Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 27Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 28Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 29Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 30Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 31Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 32Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 33Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 440 page
background image
General Description
Data Sheet
MC68HC908AP Family — Rev. 2.5
30
MOTOROLA
1.5 Pin Functions
Description of the pin functions are provided in Table 1-2.
Table 1-2. Pin Functions
PIN NAME
PIN DESCRIPTION
IN/OUT
VOLTAGE
LEVEL
VDD
Power supply.
In
4.5 to 5.5
or
2.7 to 3.3
VSS
Power supply ground.
Out
0 V
VDDA
Power supply for analog circuits.
In
VDD
VSSA
Power supply ground for analog circuits.
Out
VSS
VREFH
ADC input reference high.
In
VDDA
VREFL
ADC input reference low.
Out
VSSA
VREG
Internal (2.5V) regulator output.
Require external capacitors for decoupling.
Out
2.5V(1)
RST
Reset input, active low; with internal pullup and schmitt
trigger input.
In
VDD
IRQ1
External IRQ1 pin; with internal pullup and schmitt trigger
input.
In
VDD
Used for mode entry selection.
In
VDD to VTST
OSC1
Crystal or RC oscillator input.
In
VREG
OSC2
Crystal OSC option: crystal oscillator output; inverted
OSC1.
Out
VREG
RC OSC option: bus clock output.
Out
VREG
Internal OSC option: bus clock output.
Out
VREG
CGMXFC
CGM external filter capacitor connection.
In/Out
Analog
PTA0/ADC0
:
PTA7/ADC7
8-bit general purpose I/O port.
In/Out
VDD
Pins as ADC inputs, ADC0–ADC7.
In
VREFH
Each pin has high current sink for LED.
Out
VDD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com