Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 71 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 71 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 67Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 68Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 69Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 70Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 71Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 72Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 73Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 74Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 75Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 440 page
background image
Configuration & Mask Option Registers (CONFIG & MOR)
Mask Option Register (MOR)
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
71
5.5 Mask Option Register (MOR)
The mask option register (MOR) is used for selecting one of the three
clock options for the MCU. The MOR is a byte located in FLASH
memory, and is written to by a FLASH programming routine.
OSCSEL1, OSCSEL0 — Oscillator Selection Bits
OSCSEL1 and OSCSEL0 select which oscillator is used for the MCU
CGMXCLK clock. The erase state of these two bits is logic 1. These
bits are unaffected by reset. (See Table 5-1).
Bits 5–0 — Should be left as 1’s.
NOTE:
The internal oscillator is a free running oscillator and is available after
each POR or reset. It is turned-off in stop mode by setting the
STOP_ICLKDIS bit in CONFIG2.
Address:
$FFCF
Bit 7
654321
Bit 0
Read:
OSCSEL1 OSCSEL0
RRRRRR
Write:
Reset:
Unaffected by reset
Erased:
11111111
R= Reserved
Figure 5-4. Mask Option Register (MOR)
Table 5-1. CGMXCLK Clock Selection
OSCSEL1
OSCSEL0
CGMXCLK
OSC2 pin
Comments
0
0
—
—
Not used
01
ICLK
fBUS
Internal oscillator generates the CGMXCLK.
1
0
RCCLK
fBUS
RC oscillator generates the CGMXCLK.
Internal oscillator is available after each POR
or reset.
11
X-TAL
Inverting
output of
XTAL
X-tal oscillator generates the CGMXCLK.
Internal oscillator is available after each POR
or reset.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com