Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 62 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 62 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 58Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 59Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 60Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 61Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 62Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 63Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 64Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 65Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 66Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 440 page
background image
FLASH Memory
Data Sheet
MC68HC908AP Family — Rev. 2.5
62
MOTOROLA
4.7 FLASH Protection
Due to the ability of the on-board charge pump to erase and program the
FLASH memory in the target application, provision is made to protect
pages of memory from unintentional erase or program operations due to
system malfunction. This protection is done by use of a FLASH block
protect register (FLBPR). The FLBPR determines the range of the
FLASH memory which is to be protected. The range of the protected
area starts from a location defined by FLBPR and ends to the bottom of
the FLASH memory ($FFFF). When the memory is protected, the HVEN
bit cannot be set in either erase or program operations.
NOTE:
The mask option register ($FFCF) and the 48 bytes of user interrupt
vectors ($FFD0–$FFFF) are always protected, regardless of the value in
the FLASH block protect register. A mass erase is required to erase
these locations.
4.7.1 FLASH Block Protect Register
The FLASH block protect register is implemented as an 8-bit I/O register.
The value in this register determines the starting address of the
protected range within the FLASH memory.
BPR[7:0] — FLASH Block Protect Bits
BPR[7:1] represent bits [15:9] of a 16-bit memory address. Bits [8:0]
are logic 0’s.
Address:
$FE09
Bit 7
654321
Bit 0
Read:
BPR7
BPR6
BPR5
BPR4
BPR3
BPR2
BPR1
BPR0
Write:
Reset:
00000000
Figure 4-4. FLASH Block Protect Register (FLBPR)
16-bit memory address
Start address of FLASH block protect
000000000
BPR[7:1]
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com