Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 45 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 45 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 41Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 42Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 43Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 44Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 45Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 46Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 47Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 48Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 49Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 440 page
background image
Memory Map
Input/Output (I/O) Section
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
45
$0046
IRSCI Baud Rate Register
(IRSCBR)
Read:
CKS
0
SCP1
SCP0
R
SCR2
SCR1
SCR0
Write:
Reset:
00000000
$0047
IRSCI Infrared Control
Register
(IRSCIRCR)
Read:
R
0
0
0
R
TNP1
TNP0
IREN
Write:
Reset:
00000000
$0048
MMIIC Address Register
(MMADR)
Read:
MMAD7
MMAD6
MMAD5
MMAD4
MMAD3
MMAD2
MMAD1 MMEXTAD
Write:
Reset:
10100000
$0049
MMIIC Control Register 1
(MMCR1)
Read:
MMEN
MMIEN
0
0
MMTXAK
REPSEN MMCRCBYTE
0
Write:
MMCLRBB
Reset:
00000000
$004A
MMIIC Control Register 2
(MMCR2)
Read: MMALIF MMNAKIF
MMBB
MMAST
MMRW
0
0
MMCRCEF
Write:
0
0
Reset:
00
0
0
000
Unaffected
$004B
MMIIC Status Register
(MMSR)
Read:
MMRXIF
MMTXIF MMATCH
MMSRW MMRXAK MMCRCBF MMTXBE MMRXBF
Write:
0
0
Reset:
00
0
0
1010
$004C
MMIIC Data Transmit
Register
(MMDTR)
Read:
MMTD7
MMTD6
MMTD5
MMTD4
MMTD3
MMTD2
MMTD1
MMTD0
Write:
Reset:
00000000
$004D
MMIIC Data Receive
Register
(MMDRR)
Read:
MMRD7
MMRD6
MMRD5
MMRD4
MMRD3
MMRD2
MMRD1
MMRD0
Write:
Reset:
00000000
$004E
MMIIC CRC Data Register
(MMCRDR)
Read: MMCRCD7 MMCRCD6 MMCRCD5 MMCRCD4 MMCRCD3 MMCRCD2 MMCRCD1 MMCRCD0
Write:
Reset:
00000000
$004F
MMIIC Frequency Divider
Register
(MMFDR)
Read:
0
0
0
0
0
MMBR2
MMBR1
MMBR0
Write:
Reset:
00000100
Addr.
Register Name
Bit 7
654321
Bit 0
U = Unaffected
X = Indeterminate
= Unimplemented
R
= Reserved
Figure 2-2. Control, Status, and Data Registers (Sheet 8 of 12)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com