Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 87 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 87 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 83Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 84Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 85Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 86Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 87Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 88Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 89Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 90Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 91Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 440 page
background image
Central Processor Unit (CPU)
Opcode Map
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
87
RTI
Return from Interrupt
SP
← (SP) + 1; Pull (CCR)
SP
← (SP) + 1; Pull (A)
SP
← (SP) + 1; Pull (X)
SP
← (SP) + 1; Pull (PCH)
SP
← (SP) + 1; Pull (PCL)
INH
80
7
RTS
Return from Subroutine
SP
← SP + 1; Pull (PCH)
SP
← SP + 1; Pull (PCL)
––– ––– INH
81
4
SBC #opr
SBC opr
SBC opr
SBC opr,X
SBC opr,X
SBC ,X
SBC opr,SP
SBC opr,SP
Subtract with Carry
A
← (A) – (M) – (C)
––
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
A2
B2
C2
D2
E2
F2
9EE2
9ED2
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
SEC
Set Carry Bit
C
← 1
––– ––1 INH
99
1
SEI
Set Interrupt Mask
I
← 1
––1 ––– INH
9B
2
STA opr
STA opr
STA opr,X
STA opr,X
STA ,X
STA opr,SP
STA opr,SP
Store A in M
M
← (A)
0––
–
DIR
EXT
IX2
IX1
IX
SP1
SP2
B7
C7
D7
E7
F7
9EE7
9ED7
dd
hh ll
ee ff
ff
ff
ee ff
3
4
4
3
2
4
5
STHX opr
Store H:X in M
(M:M + 1)
← (H:X)
0 – –
– DIR
35
dd
4
STOP
Enable IRQ Pin; Stop Oscillator
I
← 0; Stop Oscillator
– – 0 – – – INH
8E
1
STX opr
STX opr
STX opr,X
STX opr,X
STX ,X
STX opr,SP
STX opr,SP
Store X in M
M
← (X)
0––
–
DIR
EXT
IX2
IX1
IX
SP1
SP2
BF
CF
DF
EF
FF
9EEF
9EDF
dd
hh ll
ee ff
ff
ff
ee ff
3
4
4
3
2
4
5
SUB #opr
SUB opr
SUB opr
SUB opr,X
SUB opr,X
SUB ,X
SUB opr,SP
SUB opr,SP
Subtract
A
← (A) – (M)
––
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
A0
B0
C0
D0
E0
F0
9EE0
9ED0
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
Table 6-1. Instruction Set Summary (Sheet 7 of 8)
Source
Form
Operation
Description
Effect on
CCR
VH I N Z C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com