Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 33 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 33 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 29Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 30Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 31Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 32Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 33Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 34Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 35Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 36Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 37Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 440 page
background image
General Description
Regulator Power Supply Configuration (VREG)
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
33
1.7 Regulator Power Supply Configuration (VREG)
VREG is the output from the on-chip regulator. All internal logics, except
for the I/O pads, are powered by VREG output. VREG requires an external
ceramic bypass capacitor of 100 nF as Figure 1-6 shows. Place the
bypass capacitor as close to the VREG pin as possible.
Figure 1-6. Regulator Power Supply Bypassing
MCU
VSS
VREG
CVREGBYPASS
100 nF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com