Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 26 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 26 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 22Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 23Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 24Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 25Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 26Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 27Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 28Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 29Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 440 page
background image
General Description
Data Sheet
MC68HC908AP Family — Rev. 2.5
26
MOTOROLA
Figure 1-1. MC68HC908AP64 Block Diagram
SYSTEM INTEGRATION
MODULE
ARITHMETIC/LOGIC
UNIT (ALU)
CPU
REGISTERS
M68HC08 CPU
CONTROL AND STATUS REGISTERS — 96 BYTES
USER FLASH — (SEE TABLE)
USER RAM — (SEE TABLE)
MONITOR ROM — 959 BYTES
USER FLASH VECTOR SPACE — 48 BYTES
EXTERNAL INTERRUPT
MODULE
INTERNAL BUS
* RST
* IRQ1
COMPUTER OPERATING
PROPERLY MODULE
PTD7/KBI7 ***
PTD6/KBI6 ***
PTD5/KBI5 ***
PTD4/KBI4 ***
PTD3/KBI3 ***
PTD2/KBI2 ***
POWER-ON RESET
MODULE
POWER
PTD1/KBI1 ***
PTD0/KBI0 ***
SERIAL COMMUNICATIONS
INTERFACE MODULE 1
2-CHANNEL TIMER INTERFACE
MODULE 1
2-CHANNEL TIMER INTERFACE
MODULE 2
SERIAL PERIPHERAL
INTERFACE MODULE
KEYBOARD INTERRUPT
MODULE
10-BIT ANALOG-TO-DIGITAL
CONVERTER MODULE
ADC REFERENCE
VREFL
VREFH
PTB7/T2CH1
PTB6/T2CH0
PTB5/T1CH1
PTB4/T1CH0
PTB3/RxD †
PTB2/TxD †
PTB1/SCL †
PTB0/SDA †
PTC7/SCRxD †
PTC6/SCTxD †
PTC5/SPSCK
PTC4/SS
PTC3/MOSI
PTC2/MISO
PTC1 #
PTC0/IRQ2 **#
PTA7/ADC7 ‡
PTA6/ADC6 ‡
PTA5/ADC5 ‡
PTA4/ADC4 ‡
PTA3/ADC3 ‡
PTA2/ADC2 ‡
PTA1/ADC1 ‡
PTA0/ADC0 ‡
LOW-VOLTAGE INHIBIT
MODULE
SERIAL COMMUNICATIONS
INTERFACE MODULE 2
(WITH INFRARED
MODULATOR/DEMODULATOR)
† Pin is open-drain when configured as output.
‡ LED direct sink pin.
# Pin not bonded on 42-pin SDIP.
TIMEBASE
MODULE
MULTI-MASTER IIC (SMBUS)
INTERFACE MODULE
VDDA
VDD
VSSA
VSS
VREG
** IRQ2
* Pin contains integrated pullup device.
** Pin contains configurable pullup device.
*** Pin contains integrated pullup device when configured as KBI.
CLOCK GENERATOR MODULE
OSC1
OSC2
CGMXFC
PHASE-LOCKED LOOP
X-TAL OSCILLATOR
RC OSCILLATOR
INTERNAL OSCILLATOR
OSCILLATORS AND
.
DEVICE
USER RAM
(bytes)
USER FLASH
(bytes)
MC68HC908AP64
2,048
62,368
MC68HC908AP32
2,048
32,768
MC68HC908AP16
1,024
16,384
MC68HC908AP8
1,024
8,192
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com