Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 41 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 41 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 37Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 38Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 39Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 40Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 41Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 42Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 43Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 44Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 45Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 440 page
background image
Memory Map
Input/Output (I/O) Section
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
41
$001E
IRQ1 Status and Control
Register
(INTSCR1)
Read:
0000
IRQ1F
0
IMASK1
MODE1
Write:
ACK1
Reset:
00000000
$001F
Configuration Register 1
(CONFIG1)†
Read:
COPRS
LVISTOP LVIRSTD LVIPWRD LVIREGD
SSREC
STOP
COPD
Write:
Reset:
00000000
† One-time writable register after each reset.
$0020
Timer 1 Status and
Control Register
(T1SC)
Read:
TOF
TOIE
TSTOP
00
PS2
PS1
PS0
Write:
0
TRST
Reset:
00100000
$0021
Timer 1 Counter
Register High
(T1CNTH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
00000000
$0022
Timer 1 Counter
Register Low
(T1CNTL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
$0023
Timer 1 Counter Modulo
Register High
(T1MODH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
11111111
$0024
Timer 1 Counter Modulo
Register Low
(T1MODL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
11111111
$0025
Timer 1 Channel 0 Status
and Control Register
(T1SC0)
Read:
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
TOV0
CH0MAX
Write:
0
Reset:
00000000
$0026
Timer 1 Channel 0
Register High
(T1CH0H)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
Indeterminate after reset
$0027
Timer 1 Channel 0
Register Low
(T1CH0L)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
Indeterminate after reset
Addr.
Register Name
Bit 7
654321
Bit 0
U = Unaffected
X = Indeterminate
= Unimplemented
R
= Reserved
Figure 2-2. Control, Status, and Data Registers (Sheet 4 of 12)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com