Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 24 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 24 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 20Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 21Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 22Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 23Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 24Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 25Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 26Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 27Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 28Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 440 page
background image
General Description
Data Sheet
MC68HC908AP Family — Rev. 2.5
24
MOTOROLA
•
User program FLASH memory with security1 feature
–
62,368 bytes for MC68HC908AP64
–
32,768 bytes for MC68HC908AP32
–
16,384 bytes for MC68HC908AP16
–
8,192 bytes for MC68HC908AP8
•
On-chip RAM
–
2,048 bytes for MC68HC908AP64 and MC68HC908AP32
–
1,024 bytes for MC68HC908AP16 and MC68HC908AP8
•
Two 16-bit, 2-channel timer interface modules (TIM1 and TIM2)
with selectable input capture, output compare, and PWM
capability on each channel
•
Timebase module
•
Serial communications interface module 1 (SCI)
•
Serial communications interface module 2 (SCI) with
infrared (IR) encoder/decoder
•
Serial peripheral interface module (SPI)
•
System management bus (SMBus), version 1.0/1.1
(multi-master IIC bus)
•
8-channel, 10-bit analog-to-digital converter (ADC)
•IRQ1 external interrupt pin with integrated pullup
•IRQ2 external interrupt pin with programmable pullup
•
8-bit keyboard wakeup port with integrated pullup
•
32 general-purpose input/output (I/O) pins:
–
31 shared-function I/O pins
–
8 LED drivers (sink)
–6
× 25mA open-drain I/O with pullup
•
Low-power design (fully static with stop and wait modes)
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the FLASH difficult for unauthorized users.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com