Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 82 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 82 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 78Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 79Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 80Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 81Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 82Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 83Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 84Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 85Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 86Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 440 page
background image
Central Processor Unit (CPU)
Data Sheet
MC68HC908AP Family — Rev. 2.5
82
MOTOROLA
BCS rel
Branch if Carry Bit Set (Same as BLO)
PC
← (PC) + 2 + rel ? (C) = 1
––– ––– REL
25
rr
3
BEQ rel
Branch if Equal
PC
← (PC) + 2 + rel ? (Z) = 1
––– ––– REL
27
rr
3
BGE opr
Branch if Greater Than or Equal To
(Signed Operands)
PC
← (PC) + 2 + rel ? (N ⊕ V) = 0
––– ––– REL
90
rr
3
BGT opr
Branch if Greater Than (Signed
Operands)
PC
← (PC) + 2 + rel ? (Z) | (N ⊕ V) = 0 ––– ––– REL
92
rr
3
BHCC rel
Branch if Half Carry Bit Clear
PC
← (PC) + 2 + rel ? (H) = 0
––– ––– REL
28
rr
3
BHCS rel
Branch if Half Carry Bit Set
PC
← (PC) + 2 + rel ? (H) = 1
––– ––– REL
29
rr
3
BHI rel
Branch if Higher
PC
← (PC) + 2 + rel ? (C) | (Z) = 0
– – – – – – REL
22
rr
3
BHS rel
Branch if Higher or Same
(Same as BCC)
PC
← (PC) + 2 + rel ? (C) = 0
––– ––– REL
24
rr
3
BIH rel
Branch if IRQ Pin High
PC
← (PC) + 2 + rel ? IRQ = 1
––– ––– REL
2F
rr
3
BIL rel
Branch if IRQ Pin Low
PC
← (PC) + 2 + rel ? IRQ = 0
––– ––– REL
2E
rr
3
BIT #opr
BIT opr
BIT opr
BIT opr,X
BIT opr,X
BIT ,X
BIT opr,SP
BIT opr,SP
Bit Test
(A) & (M)
0 – –
–
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
A5
B5
C5
D5
E5
F5
9EE5
9ED5
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
BLE opr
Branch if Less Than or Equal To
(Signed Operands)
PC
← (PC) + 2 + rel ? (Z) | (N ⊕ V) = 1 ––– ––– REL
93
rr
3
BLO rel
Branch if Lower (Same as BCS)
PC
← (PC) + 2 + rel ? (C) = 1
––– ––– REL
25
rr
3
BLS rel
Branch if Lower or Same
PC
← (PC) + 2 + rel ? (C) | (Z) = 1
– – – – – – REL
23
rr
3
BLT opr
Branch if Less Than (Signed Operands)
PC
← (PC) + 2 + rel ? (N ⊕ V) =1
––– ––– REL
91
rr
3
BMC rel
Branch if Interrupt Mask Clear
PC
← (PC) + 2 + rel ? (I) = 0
––– ––– REL
2C
rr
3
BMI rel
Branch if Minus
PC
← (PC) + 2 + rel ? (N) = 1
––– ––– REL
2B
rr
3
BMS rel
Branch if Interrupt Mask Set
PC
← (PC) + 2 + rel ? (I) = 1
––– ––– REL
2D
rr
3
BNE rel
Branch if Not Equal
PC
← (PC) + 2 + rel ? (Z) = 0
––– ––– REL
26
rr
3
BPL rel
Branch if Plus
PC
← (PC) + 2 + rel ? (N) = 0
––– ––– REL
2A
rr
3
BRA rel
Branch Always
PC
← (PC) + 2 + rel
––– ––– REL
20
rr
3
Table 6-1. Instruction Set Summary (Sheet 2 of 8)
Source
Form
Operation
Description
Effect on
CCR
VH I N Z C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com