Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 22 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 22 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 18Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 19Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 20Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 21Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 22Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 23Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 24Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 25Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 440 page
background image
Table of Contents
Data Sheet
MC68HC908AP Family — Rev. 2.5
22
MOTOROLA
24.6
5V Control Timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 419
24.7
5V Oscillator Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 419
24.8
5V ADC Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . 420
24.9
3V DC Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 421
24.10 3V Control Timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 422
24.11 3V Oscillator Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 423
24.12 3V ADC Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . 424
24.13 MMIIC Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . 425
24.14 CGM Electrical Specification . . . . . . . . . . . . . . . . . . . . . . . . . 427
24.15 5V SPI Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 428
24.16 3V SPI Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 429
24.17 FLASH Memory Characteristics . . . . . . . . . . . . . . . . . . . . . . . 432
Section 25. Mechanical Specifications
25.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 433
25.2
48-Pin Low-Profile Quad Flat Pack (LQFP) . . . . . . . . . . . . . . 434
25.3
44-Pin Quad Flat Pack (QFP). . . . . . . . . . . . . . . . . . . . . . . . . 435
25.4
42-Pin Shrink Dual In-Line Package (SDIP) . . . . . . . . . . . . . . 436
Section 26. Ordering Information
26.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 437
26.2
MC Order Numbers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 437
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com