Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 47 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 47 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 43Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 44Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 45Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 46Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 47Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 48Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 49Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 50Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 51Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 440 page
background image
Memory Map
Input/Output (I/O) Section
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
47
$005A
ADC Data Register Low 0
(ADRL0)
Read:
ADx
ADx
ADx
ADx
ADx
ADx
ADx
ADx
Write:
RRRRRRRR
Reset:
00000000
$005B
ADC Data Register Low 1
(ADRL1)
Read:
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
Write:
RRRRRRRR
Reset:
00000000
$005C ADC Data Register Low 2
(ADRL2)
Read:
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
Write:
RRRRRRRR
Reset:
00000000
$005D
ADC Data Register Low 3
(ADRL3)
Read:
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
Write:
RRRRRRRR
Reset:
00000000
$005E
ADC Auto-scan Control
Register
(ADASCR)
Read:
AUTO1
AUTO0
ASCAN
Write:
Reset:
00000000
$005F
Unimplemented
Read:
Write:
Reset:
$FE00
SIM Break Status Register
(SBSR)
Read:
RRRRRR
SBSW
R
Write:
Note
Reset:
0
Note: Writing a logic 0 clears SBSW.
$FE01
SIM Reset Status Register
(SRSR)
Read:
POR
PIN
COP
ILOP
ILAD
MODRST
LVI
0
Write:
Reset:
10000000
$FE02
Reserved
Read:
RRRRRRRR
Write:
Reset:
Addr.
Register Name
Bit 7
654321
Bit 0
U = Unaffected
X = Indeterminate
= Unimplemented
R
= Reserved
Figure 2-2. Control, Status, and Data Registers (Sheet 10 of 12)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com