Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 69 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 69 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 65Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 66Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 67Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 68Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 69Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 70Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 71Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 72Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 73Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 440 page
background image
Configuration & Mask Option Registers (CONFIG & MOR)
Configuration Register 2 (CONFIG2)
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
69
COPD — COP Disable Bit
COPD disables the COP module. (See Section 21. Computer
Operating Properly (COP).)
1 = COP module disabled
0 = COP module enabled
5.4 Configuration Register 2 (CONFIG2)
STOP_ICLKDIS — Internal Oscillator Stop Mode Disable
STOP_ICLKDIS disables the internal oscillator during stop mode.
Setting the STOP_ICLKDIS bit disables the oscillator during stop
mode. (See Section 7. Oscillator (OSC).)
Reset clears this bit.
1 = Internal oscillator disabled during stop mode
0 = Internal oscillator enabled to operate during stop mode
STOP_RCLKEN — RC Oscillator Stop Mode Enable Bit
STOP_RCLKEN enables the RC oscillator to continue operating
during stop mode. Setting the STOP_RCLKEN bit allows the
oscillator to operate continuously even during stop mode. This is
useful for driving the timebase module to allow it to generate periodic
wake up while in stop mode. (See Section 7. Oscillator (OSC).)
Reset clears this bit.
1 = RC oscillator enabled to operate during stop mode
0 = RC oscillator disabled during stop mode
Address:
$001D
Bit 7
654321
Bit 0
Read:
STOP_
ICLKDIS
STOP_
RCLKEN
STOP_
XCLKEN
OSCCLK1 OSCCLK0
00
SCIBDSRC
Write:
Reset:
00000000
Figure 5-3. Configuration Register 2 (CONFIG2)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com