Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 49 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 49 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 45Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 46Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 47Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 48Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 49Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 50Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 51Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 52Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 440 page
background image
Memory Map
Input/Output (I/O) Section
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
49
$FE0D
Break Address
Register Low
(BRKL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
$FE0E
Break Status and Control
Register
(BRKSCR)
Reset:
BRKE
BRKA
000000
Read:
Write:
00000000
$FE0F
LVI Status Register
(LVISR)
Reset: LVIOUT
0
000000
Read:
Write:
00000000
$FFCF
Mask Option Register
(MOR)#
Read:
OSCSEL1 OSCSEL0
RRRRRR
Write:
Erased:
11111111
Reset:
UUUUUUUU
$FFFF
COP Control Register
(COPCTL)
Read:
Low byte of reset vector
Write:
Writing clears COP counter (any value)
Reset:
Unaffected by reset
# MOR is a non-volatile FLASH register; write by programming.
Addr.
Register Name
Bit 7
654321
Bit 0
U = Unaffected
X = Indeterminate
= Unimplemented
R
= Reserved
Figure 2-2. Control, Status, and Data Registers (Sheet 12 of 12)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com