Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 94 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 94 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 90Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 91Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 92Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 93Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 94Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 95Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 96Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 97Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 98Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 440 page
background image
Oscillator (OSC)
Data Sheet
MC68HC908AP Family — Rev. 2.5
94
MOTOROLA
7.2.2 TBM Reference Clock Selection
The timebase module reference clock (OSCCLK) is selected by
configuring two bits in the CONFIG2 register, at $001D. See 5.4
Configuration Register 2 (CONFIG2).
NOTE:
The RCCLK or XCLK is only available if that clock is selected as the
CGM reference clock, whereas the ICLK is always available.
7.3 Internal Oscillator
The internal oscillator clock (ICLK), with a frequency of fICLK, is a free
running clock that requires no external components. It can be selected
as the CGMXCLK for the CGM and MCU sub-systems; and the
OSCCLK clock for the TBM. The ICLK is also the reference clock input
to the computer operating properly (COP) module.
Due to the simplicity of the internal oscillator, it does not have the
accuracy and stability of the RC oscillator or the x-tal oscillator.
Therefore, the ICLK is not suitable where an accurate bus clock is
required and it should not be used as the CGMRCLK to the CGM PLL.
Address:
$001D
Bit 7
654321
Bit 0
Read:
STOP_
ICLKDIS
STOP_
RCLKEN
STOP_
XCLKEN
OSCCLK1 OSCCLK0
00
SCIBDSRC
Write:
Reset:
00000000
Figure 7-3. Configuration Register 2 (CONFIG2)
Table 7-2. Timebase Module Reference Clock Selection
OSCCLK1
OSCCLK0
Timebase Clock Source
0
0
Internal oscillator (ICLK)
0
1
RC oscillator (RCCLK)
1
0
X-tal oscillator (XCLK)
1
1
Not used
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com