Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP16CFB Datasheet(PDF) 23 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 23 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 19Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 20Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 21Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 22Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 23Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 24Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 25Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 26Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 440 page
background image
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
23
Data Sheet – MC68HC908AP Family
Section 1. General Description
1.1 Introduction
The MC68HC908AP64 is a member of the low-cost, high-performance
M68HC08 Family of 8-bit microcontroller units (MCUs). The M68HC08
Family is based on the customer-specified integrated circuit (CSIC)
design strategy. All MCUs in the family use the enhanced M68HC08
central processor unit (CPU08) and are available with a variety of
modules, memory sizes and types, and package types.
1.2 Features
Features of the MC68HC908AP64 include the following:
•
High-performance M68HC08 architecture
•
Fully upward-compatible object code with M6805, M146805, and
M68HC05 Families
•
Maximum internal bus frequency:
–
8-MHz at 5V or 3V operating voltage
•
Clock input options:
–
RC-oscillator
–
32-kHz crystal-oscillator with 32MHz internal phase-lock-loop
Table 1-1. Summary of Device Variations
Device
RAM Size
(bytes)
FLASH Memory Size
(bytes)
MC68HC908AP64
2,048
62,368
MC68HC908AP32
2,048
32,768
MC68HC908AP16
1,024
16,384
MC68HC908AP8
1,024
8,192
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com