Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 36 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 32Page - Analog Devices AD9953PCB Datasheet HTML 33Page - Analog Devices AD9953PCB Datasheet HTML 34Page - Analog Devices AD9953PCB Datasheet HTML 35Page - Analog Devices AD9953PCB Datasheet HTML 36Page - Analog Devices AD9953PCB Datasheet HTML 37Page - Analog Devices AD9953PCB Datasheet HTML 38Page - Analog Devices AD9953PCB Datasheet HTML 39Page - Analog Devices AD9953PCB Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Synchronizing Multiple AD9953s
The AD9953 product allows easy synchronization of multiple AD9953s. There are three modes of
synchronization available to the user: an automatic synchronization mode; a software controlled
manual synchronization mode; and a hardware controlled manual synchronization mode. In all
cases, when a user wants to synchronize two or more devices, the following considerations must be
observed. First, all units must share a common clock source. Trace lengths and path impedance of
the clock tree must be designed to keep the phase delay of the different clock branches as closely
matched as possible. Second, the I/O update signal’s rising edge must be provided synchronously
to all devices in the system. Finally, regardless of the internal synchronization method used, the
DVDD_I/O supply should be set to 3.3V for all devices that are to be synchronized. AVDD and
DVDD should be left at 1.8V.
In automatic synchronization mode, one device is chosen as a master, the other device(s)
will be slaved to this master. When configured in this mode, all the slaves will automatically
synchronize their internal clocks to the sync_clk output signal of the master device. To enter
automatic synchronization mode, set the slave device’s automatic synchronization bit
(CFR1<23>=1). Connect the SYNC_IN input(s) to the master SYNC_CLK output. The slave
device will continuously update the phase relationship of its sync_clk until it is in phase with the
SYNC_IN input, which is the sync_clk of the master device. When attempting to synchronize
devices running at sysclk speeds beyond 250MSPS, the high-speed sync enhancement enable bit
should be set (CFR2<11>=1).
In software manual synchronization mode, the user forces the device to advance the
sync_clk rising edge one sysclk cycle (1/4 sync_clk period). To activate the manual
synchronization mode, set the slave device’s software manual synchronization bit (CFR1<22> =1).
The bit (CFR1<22>) will be immediately cleared. To advance the rising edge of the sync_clk
multiple times, this bit will need to be set multiple times.
In hardware manual synchronization mode, the SYNC_IN input pin is configured such that
it will now advance the rising edge of the sync_clk signal each time the device detects a rising edge
on the SYNC_IN pin. To put the device into hardware manual synchronization mode, set the
hardware manual synchronization bit (CFR2<10>=1). Unlike the software manual synchronization
bit, this bit does not self-clear. Once the hardware manual synchronization mode is enabled, all
rising edges detected on the SYNC_IN input will cause the device to advance the rising edge of the
sync_clk by one sysclk cycle until this enable bit is cleared (CFR2<10=0).
Using a Single Crystal To Drive Multiple AD9953 Clock Inputs
The AD9953 crystal oscillator output signal is available on the CrystalOut pin, enabling one crystal
to drive multiple AD9953s. In order to drive multiple AD9953s with one crystal, the CrystalOut
pin of the AD9953 using the external crystal should be connected to the REFCLK input of the
other AD9953.
REV. PrB 1/30/03
Page 36
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com