Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 18Page - Analog Devices AD9953PCB Datasheet HTML 19Page - Analog Devices AD9953PCB Datasheet HTML 20Page - Analog Devices AD9953PCB Datasheet HTML 21Page - Analog Devices AD9953PCB Datasheet HTML 22Page - Analog Devices AD9953PCB Datasheet HTML 23Page - Analog Devices AD9953PCB Datasheet HTML 24Page - Analog Devices AD9953PCB Datasheet HTML 25Page - Analog Devices AD9953PCB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
CFR2<9>: Crystal Out Enable bit.
When CFR2<9> = 0 (default) the Crystal Out pin is inactive.
When CFR2<9> = 1, the Crystal Out pin is active. When active, the crystal oscillator
circuitry output drives the Crystal Out pin, which can be connected to other devices
to produce a reference frequency.
CFR2<8>: DAC prime data disable bit.
When CFR2<8> = 0 (default), the DAC prime data is enabled for operation.
When CFR2<8> = 1, the DAC prime data is not generated and these outputs remain
logic zeros.
CFR2<7:3>: Reference clock multiplier control bits. See the Phase Locked Loop (PLL)
section of this document for details.
CFR2<2>: VCO gain control bit. This bit is used to control the gain setting on the VCO.
CFR<1:0>: Charge Pump gain control bits. These bits are used to control the gain setting
on the charge pump.
Other Register Descriptions
Amplitude Scale Factor (ASF)
The ASF Register stores the 2-bit Auto Ramp Rate Speed value ASF<15:14> and the 14-bit
Amplitude Scale Factor ASF<13:0> used in the Output Shaped Keying (OSK) operation. In auto
OSK operation, that is CFR1<24> = 1, ASF <15:14> tells the OSK block how many amplitude
steps to take for each increment or decrement. ASF<13:0> sets the maximum value achievable by
the OSK internal multiplier. In manual OSK mode, that is CFR1<24>=0, ASF<15:14> have no
affect. ASF <13:0> provide the output scale factor directly. If the OSK enable bit is cleared,
CFR1<25>=0, this register has no affect on device operation.
Amplitude Ramp Rate (ARR)
The ARR register stores the 8-bit Amplitude Ramp Rate used in the Auto OSK mode, that is
CFR1<25>=1, CFR<24>=1. This register programs the rate the amplitude scale factor counter
increments or decrements. In the OSK is set to manual mode, CFR1<25>=1 CFR<24>=0, or if
OSK enable is cleared CFR1<25>=0, this register has no affect on device operation.
REV. PrB 1/30/03
Page 22
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com