Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 21Page - Analog Devices AD9953PCB Datasheet HTML 22Page - Analog Devices AD9953PCB Datasheet HTML 23Page - Analog Devices AD9953PCB Datasheet HTML 24Page - Analog Devices AD9953PCB Datasheet HTML 25Page - Analog Devices AD9953PCB Datasheet HTML 26Page - Analog Devices AD9953PCB Datasheet HTML 27Page - Analog Devices AD9953PCB Datasheet HTML 28Page - Analog Devices AD9953PCB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
value. The upper 14-bits of the RAM drive the phase adder (bits <31:18>). Bits <17:0> of the
RAM output are unused when the RAM destination bit is set. The “No Dwell” bit is a don’t care in
Direct Switch Mode.
Ramp-Up Mode
Ramp-Up mode, in conjunction with the segmented RAM capability, allows up to four different
“sweep profiles” to be programmed into the AD9953. The AD9953 is programmed for Ramp-Up
mode by writing the RAM Enable bit true and programming the RAM Mode Control bits of each
profile to be used to logic 001(b). As in all modes that enable the memory, the RAM destination
bit controls whether the RAM output drives the phase accumulator or the phase offset adder.
Upon starting a sweep (via an I/O UPDATE or change in Profile bits), the RAM address generator
loads the RAM Segment Beginning Address bits of the current RSCW, driving the RAM output
from this address and the Ramp Rate Timer loads the RAM Segment Address Ramp Rate bits.
When the ramp rate timer finishes a cycle, the RAM address generator increments to the next
address, the timer reloads the ramp rate bits and begins a new countdown cycle. This sequence
continues until the RAM address generator has incremented to an address equal to the RAM
Segment Final Address bits of the current RSCW.
If the “No Dwell” bit is clear, when the RAM address generator equals the final address, the
generator stops incrementing as the terminal frequency has been reached. The sweep is complete
and does not re-start until an I/O UPDATE or change in Profile is detected to enable another sweep
from the beginning to the final RAM address as described above.
If the “No Dwell” bit is set, when the RAM address generator equals the final address, after the
next ramp rate timer cycle the phase accumulator is cleared. The phase accumulator remains
cleared until another sweep is initiated via an I/O UPDATE input or change in profile.
Notes to the Ramp-Up mode:
1) The user must insure that the beginning address is lower than the final address.
2) Changing profiles automatically terminates the current sweep and starts the next sweep.
3) The AD9953 offers no output signal indicating when a terminal frequency has been reached.
4)
Setting the RAM destination bit true such that the RAM output drives the phase-offset adder
is valid. While the above discussion describes a frequency sweep, a phase sweep operation
is also available.
Another application for Ramp-Up mode is non-symmetrical FSK modulation. With the RAM
configured for two segments, using the Profile<0> bit as the data input allows non-symmetrical
ramped FSK.
Bi-directional Ramp Mode
REV. PrB 1/30/03
Page 25
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com