Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 23Page - Analog Devices AD9953PCB Datasheet HTML 24Page - Analog Devices AD9953PCB Datasheet HTML 25Page - Analog Devices AD9953PCB Datasheet HTML 26Page - Analog Devices AD9953PCB Datasheet HTML 27Page - Analog Devices AD9953PCB Datasheet HTML 28Page - Analog Devices AD9953PCB Datasheet HTML 29Page - Analog Devices AD9953PCB Datasheet HTML 30Page - Analog Devices AD9953PCB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Continuous Bi-directional Ramp mode allows the AD9953 to offer an automatic symmetrical
sweep between two frequencies. The AD9953 is programmed for Continuous Bi-directional Ramp
mode by writing the RAM Enable bit true and the RAM Mode Control bits of each profile to be
used to logic 011(b).
Upon entering this mode (via an I/O UPDATE or changing Profile<1:0>), the RAM address
generator loads the RAM Segment Beginning Address bits of the current RSCW and the Ramp
Rate Timer loads the RAM Segment Address Ramp Rate bits. The RAM drives data from the
beginning address and the ramp rate timer begins to count down to 1. When the ramp rate timer
completes a cycle, the RAM address generator increments to the next address, the timer reloads the
ramp rate bits and continues counting down. This sequence continues until the RAM address
generator has incremented to an address equal to the RAM Segment Final Address bits of the
current RSCW. Upon reaching this terminal address, the RAM address generator will decrement
in value at the ramp rate until it reaches the RAM Segment Beginning address. Upon reaching the
beginning address, the entire sequence repeats.
The entire sequence repeats for as long as the part is programmed for this mode. The No Dwell bit
is a “don’t care” in this mode. In general, this mode is identical in control to the Bi-directional
Ramp Mode except the ramp up and down is automatic (no external control via the Profile<0>
input) and switching profiles is valid. Once in this mode, the address generator ramps from
beginning address to final address back to beginning address at the rate programmed into the ramp
rate register. This mode enables generation of an automatic saw tooth sweep characteristic.
Notes to the Continuous Bi-directional Ramp mode:
1) The user must insure that the beginning address is lower than the final address.
2) Changing profiles or issuing an I/O UPDATE automatically terminates the current sweep
and starts the next sweep.
3) Setting the RAM destination bit true such that the RAM output drives the phase-offset adder
is valid. While the above discussion describes a frequency sweep, a phase sweep operation
is also available.
Continuous Re-circulate Mode
Continuous Re-circulate mode allows the AD9953 to offer an automatic, continuous unidirectional
sweep between two frequencies. The AD9953 is programmed for Continuous Re-circulate mode
by writing the RAM Enable bit true and the RAM Mode Control bits of each profile to be used to
logic 100(b).
Upon entering this mode (via an I/O UPDATE or changing Profile<1:0>), the RAM address
generator loads the RAM Segment Beginning Address bits of the current RSCW and the Ramp
Rate Timer loads the RAM Segment Address Ramp Rate bits. The RAM drives data from the
REV. PrB 1/30/03
Page 27
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com