Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 15Page - Analog Devices AD9953PCB Datasheet HTML 16Page - Analog Devices AD9953PCB Datasheet HTML 17Page - Analog Devices AD9953PCB Datasheet HTML 18Page - Analog Devices AD9953PCB Datasheet HTML 19Page - Analog Devices AD9953PCB Datasheet HTML 20Page - Analog Devices AD9953PCB Datasheet HTML 21Page - Analog Devices AD9953PCB Datasheet HTML 22Page - Analog Devices AD9953PCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
When CFR1<14> = 1, this bit automatically synchronously clears (loads zeros into)
the frequency accumulator for one cycle upon reception of the I/O UPDATE
sequence indicator.
CFR1<13>: AutoClear Phase Accumulator bit.
When CFR1<13> = 0 (default), a new frequency tuning word is applied to the inputs
of the phase accumulator, but not loaded into the accumulator.
When CFR1<13> = 1, this bit automatically synchronously clears (loads zeros into)
the phase accumulator for one cycle upon reception of the I/O UPDATE sequence
indicator.
CFR1<12>: Sine/Cosine select bit.
When CFR1<12> = 0 (default), the angle-to-amplitude conversion logic employs a
COSINE function.
When CFR1<12> = 1, the angle-to-amplitude conversion logic employs a SINE
function.
CFR1<11>: Clear Frequency Accumulator.
When CFR1<11> = 0 (default), the frequency accumulator functions as normal.
When CFR1<11> = 1, the frequency accumulator memory elements are
asynchronously cleared.
CFR1<10>: Clear Phase Accumulator.
When CFR1<10> = 0 (default), the phase accumulator functions as normal.
When CFR1<10> = 1, the phase accumulator memory elements are asynchronously
cleared.
CFR1<9>: SDIO Input Only.
When CFR1<9> = 0 (default), the SDIO pin has bi-directional operation (2-wire
serial programming mode).
REV. PrB 1/30/03
Page 19
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com