Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 10Page - Analog Devices AD9953PCB Datasheet HTML 11Page - Analog Devices AD9953PCB Datasheet HTML 12Page - Analog Devices AD9953PCB Datasheet HTML 13Page - Analog Devices AD9953PCB Datasheet HTML 14Page - Analog Devices AD9953PCB Datasheet HTML 15Page - Analog Devices AD9953PCB Datasheet HTML 16Page - Analog Devices AD9953PCB Datasheet HTML 17Page - Analog Devices AD9953PCB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
AD9953 Register Map
Register
Name
(Serial
address)
Bit
Range
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
OR
Profile
<7:0>
Digital
Power
Down
Not Used
DAC
Power
Down
Clock Input
Power Dwn
External
Power
Down
Mode
Not Used
Sync
CLK
Out
Disable
Not Used
00h
<15:8>
Not Used
AutoClr
Freq.
Accum
AutoClr
Phase
Accum
Enable
SINE
Output
Clear
Freq
Accum.
Clear
Phase
Accum.
SDIO
Input
Only
LSB
First
00h
<23:16>
Automatic
Sync
Enable
Software
Manual
Sync
Not Used
Amplitude
Dither
Enable
Phase
Dither
En<3>
Phase
Dither
En<2>
Phase
Dither
En<1>
Phase
Dither
En<0>
00h
Control
Function
Register #1
(CFR1)
(00h)
<31:24>
RAM
Enable
RAM Dest.
Is Phase
Word
Internal Profile Control <2:0>
Load
ARR
@I/O UD
OSK
Enable
Auto
OSK
Keying
00h
<7:0>
REFCLK Multiplier
00h or 01h or 02h or 03h: Bypass Multiplier
04h –14h: 4x – 20x multiplication
VCO Gain
Charge Pump
Control <1:0>
00h
<15:8>
not used
High
Speed
Sync
Enable
Hardware
Manual
Sync
Enable
Crystal
Out Pin
Active
DAC
Prime
Data
Disable
00h
Control
Function
Register #2
(CFR2)
(01h)
<23:16>
not used
00h
<7:0>
Amplitude Scale Factor Register <7:0>
00h
Amplitude
Scale
Factor
(ASF)
(02h)
<15:8>
Auto Ramp Rate Speed
Control <1:0>
Amplitude Scale Factor Register <13:8>
00h
Amplitude
Ramp Rate
(ARR)
(03h)
<7:0>
Amplitude Ramp Rate Register <7:0>
00h
<7:0>
Frequency Tuning Word #0 <7:0>
00h
<15:8>
Frequency Tuning Word #0 <15:8>
00h
<23:16>
Frequency Tuning Word #0 <23:16>
00h
Frequency
Tuning
Word
(FTW0)
(04h)
<31:24>
Frequency Tuning Word #0 <31:24>
00h
<7:0>
Phase Offset Word #0 <7:0>
00h
Phase
Offset
Word
(POW0)
(05h)
<15:8>
Not used<1:0>
Phase Offset Word #0 <13:8>
00h
REV. PrB 1/30/03
Page 14
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com