Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 34 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 30Page - Analog Devices AD9953PCB Datasheet HTML 31Page - Analog Devices AD9953PCB Datasheet HTML 32Page - Analog Devices AD9953PCB Datasheet HTML 33Page - Analog Devices AD9953PCB Datasheet HTML 34Page - Analog Devices AD9953PCB Datasheet HTML 35Page - Analog Devices AD9953PCB Datasheet HTML 36Page - Analog Devices AD9953PCB Datasheet HTML 37Page - Analog Devices AD9953PCB Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Synchronization; Register Updates (I/O UPDATE)
Functionality of the SyncClk and I/O UPDATE
Data into the AD9953 is synchronous to the sync_clk signal (supplied externally to the user
on the SYNC_CLK pin). The I/O_UPDATE pin is sampled on the rising edge of the sync_clk.
Internally, sysclk is fed to a divide-by-4 frequency divider to produce the sync_clk signal.
The sync_clk signal is provided to the user on the SYNC_CLK pin. This enables synchronization
of external hardware with the device’s internal clocks. This is accomplished by forcing any
external hardware to obtain its timing from sync_clk. The I/O UPDATE signal coupled with
sync_clk is used to transfer internal buffer contents into the Control Registers of the device. The
combination of the sync_clk and I/O UPDATE pins provides the user with constant latency relative
to sysclk and also ensures phase continuity of the analog output signal when a new tuning word or
phase offset value is asserted. Figure E demonstrates an I/O Update timing cycle and
synchronization.
Notes to synchronization logic:
1) The I/O UPDATE signal is edge detected to generate a single rising edge clock signal
that drives the register bank flops. The I/O UPDATE signal has no constraints on duty
cycle. The minimum low time on I/O UPDATE is one sync_clk clock cycle.
2) The I/O UPDATE pin is setup and held around the rising edge of sync_clk and has zero
hold time and 10ns setup time.
REV. PrB 1/30/03
Page 34
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com