Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 23 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 19Page - Analog Devices AD9953PCB Datasheet HTML 20Page - Analog Devices AD9953PCB Datasheet HTML 21Page - Analog Devices AD9953PCB Datasheet HTML 22Page - Analog Devices AD9953PCB Datasheet HTML 23Page - Analog Devices AD9953PCB Datasheet HTML 24Page - Analog Devices AD9953PCB Datasheet HTML 25Page - Analog Devices AD9953PCB Datasheet HTML 26Page - Analog Devices AD9953PCB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Frequency Tuning Word 0 (FTW0)
The Frequency Tuning Word is a 32-bit register that controls the rate of accumulation in the phase
accumulator of the DDS core. Its specific role is dependent on the device mode of operation.
Phase Offset Word (POW)
The Phase Offset Word is a 14-bit register that stores a phase offset value. This offset value is
added to the output of the phase accumulator to offset the current phase of the output signal. The
exact value of phase offset is given by the following formula:
°
=
Φ
360
*
214
POW
When the RAM enable bit is set, CFR1<31> = 1, and the RAM destination is cleared,
CFR1<30>=0, the RAM supplies the phase offset word and this register has no affect on device
operation.
Frequency Tuning Word 1 (FTW1)
The Frequency Tuning Word is a 32-bit register that controls the rate of accumulation in the phase
accumulator of the DDS core. Its specific role is dependent on the device mode of operation.
RAM Segment Control Words 0,1,2,3 (RSCW0) (RSCW1) (RSCW2), (RSCW3)
Registers h’07, h’08, h’09 and h’0A act as the RAM segment Control words, RSCW0, RSCW1,
RCSW2 and RCSW3 respectively. Each of the RAM Segment Control Words contains a 3-bit
Mode Control value, a ‘No Dwell’ bit, a 10-bit Beginning Address, a 10-bit Final Address and a
16-bit Address Ramp Rate. Please see the section on RAM modes of operation for details on how
each of these values works in the various RAM modes of operation.
RAM
The AD9953 incorporates a 1024x32 block of SRAM. The RAM is bi-directional single-
port. That is to say, both READ and WRITE operations from and to the RAM are valid, but they
cannot occur simultaneously. WRITE operations from the serial I/O port have precedence, and if
an attempt to WRITE to RAM is made during a READ operation, the READ operation will be
halted. The RAM is controlled in multiple ways, dictated by modes of operation described in the
RAM Segment Control Word <7:5> as well as data in the Control Function Register. Read/write
control for the RAM will be described for each mode supported.
When the RAM Enable bit (CFR1<31>) is set, the RAM output optionally drives the input to the
phase accumulator OR the phase offset adder, depending upon the state of the “RAM Destination”
bit (CFR1<30>). If CFR1<30> is a logic one, the RAM output is connected to the Phase Offset
adder and supplies the phase offset control word(s) for the device. When CFR1<30> is logic zero
(default condition), the RAM output is connected to the input of the phase accumulator and
supplies the frequency tuning word(s) for the device. When the RAM output drives the phase
accumulator, the Phase Offset Word (POW, hex address 05h) drives the phase-offset adder.
REV. PrB 1/30/03
Page 23
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com