Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 8Page - Analog Devices AD9953PCB Datasheet HTML 9Page - Analog Devices AD9953PCB Datasheet HTML 10Page - Analog Devices AD9953PCB Datasheet HTML 11Page - Analog Devices AD9953PCB Datasheet HTML 12Page - Analog Devices AD9953PCB Datasheet HTML 13Page - Analog Devices AD9953PCB Datasheet HTML 14Page - Analog Devices AD9953PCB Datasheet HTML 15Page - Analog Devices AD9953PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
The modes of operation are summarized in the table below. Please note the PLL multiplier is
controlled via the CFR2<7:3> bits, independently of the CFR2<0> bit.
ClkModeSelect
CFR1<4>
CFR2<7:3>
SYSTEM
CLOCK
Frequency
Range (MHz)
HIGH
LOW
3 < M < 21
Fclk = Fosc x M
80 < Fclk < 400
HIGH
LOW
M < 4 or M > 20
Fclk = Fosc
20 < Fclk < 30
HIGH
HIGH
X
Fclk = 0
Fclk = 0
LOW
X
3 < M < 21
Fclk = Fref x M
80 < Fclk < 400
LOW
X
M < 4 or M > 20
Fclk = Fref
5 < Fclk < 400
Table 2 Clock Input Modes of Operation
Phase Locked Loop (PLL)
The PLL allows multiplication of the REFCLK frequency. Control of the PLL is accomplished by
programming the 5-bit REFCLK Multiplier portion of Control Function Register #2, bits <7:3>.
When programmed for values ranging from 04h – 14h (4-20 decimal), the PLL multiplies the
REFCLK input frequency by the corresponding decimal value. The maximum output frequency of
the PLL is restricted to 400MHz, however. Whenever the PLL value is changed, the user should
be aware that time must be allocated to allow the PLL to lock (approximately 1ms).
The PLL is bypassed by programming a value outside the range of 4-20 (decimal). When
bypassed, the PLL is shut down to conserve power.
DAC Output
The AD9953 incorporates an integrated 14-bit current output DAC. Two complementary outputs
provide a combined full-scale output current (Iout). Differential outputs reduce the amount of
common-mode noise that might be present at the DAC output, offering the advantage of an
increased signal-to-noise ratio. The full-scale current is controlled by means of an external resistor
(Rset) connected between the DAC_Rset pin and the DAC ground (AGND). The full-scale current
is proportional to the resistor value as follows:
Rset = 39.19/Iout
The maximum full-scale output current of the combined DAC outputs is 15mA, but limiting the
output to 10mA provides the best spurious-free-dynamic-range (SFDR) performance. The DAC
output compliance range is AVDD+0.250V to AVDD-375V. Voltages developed beyond this
range will cause excessive DAC distortion and could potentially damage the DAC output circuitry.
Proper attention should be paid to the load termination to keep the output voltage within this
compliance range.
Serial IO Port
REV. PrB 1/30/03
Page 12
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com