Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 29 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 25Page - Analog Devices AD9953PCB Datasheet HTML 26Page - Analog Devices AD9953PCB Datasheet HTML 27Page - Analog Devices AD9953PCB Datasheet HTML 28Page - Analog Devices AD9953PCB Datasheet HTML 29Page - Analog Devices AD9953PCB Datasheet HTML 30Page - Analog Devices AD9953PCB Datasheet HTML 31Page - Analog Devices AD9953PCB Datasheet HTML 32Page - Analog Devices AD9953PCB Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Profile<1:0> pins and enables the AD9953 to take control of switching between profiles. Modes
are defined that allow continuous or single burst profile switches for three combinations of profile
selection bits. These are listed in the table below. When the any of the CFR1<29:27> bits are
active, the internal profile control mode is engaged.
When the internal profile control mode is engaged, the RAM Segment Mode Control bits are
“Don’t care” and the device operates all profiles as if these mode control bits were programmed for
Ramp-Up mode. Switching between profiles occurs when the RAM address generator has
exhausted the memory contents for the current profile.
CFR1<29:27>
(binary)
Mode Description
000
Internal Control Inactive
001
Internal Control Active, Single Burst, activate profile 0, then 1, then
stop
010
Internal Control Active, Single Burst, activate profile 0, then 1, then 2,
then stop
011
Internal Control Active, Single Burst, activate profile 0, then 1, then 2,
then 3, then stop
100
Internal Control Active, Continuous, activate profile 0, then 1, then
loop starting at 0.
101
Internal Control Active, Continuous, activate profile 0, then 1, then 2,
then loop starting at 0.
110
Internal Control Active, Continuous, activate profile 0, then 1, then 2,
then 3, then loop starting at 0
111
Invalid
Table 4 Internal Profile Control
A single burst mode is one in which the composite sweep is executed once. For example, assume
the device is programmed for Ramp-Up mode and the CFR1<29:27> bits are written to 010(b).
Upon receiving an I/O UPDATE, the internal control logic signals the device to begin executing
the Ramp-Up mode sequence for profile 0. Upon reaching the RAM Segment Final Address value
for profile 0, the device automatically switches to profile 1 and begins executing that Ramp-Up
sequence. Upon reaching the RAM Segment Final Address value for profile 1, the device
automatically switches to profile 2 and begins executing that Ramp-Up sequence. When the RAM
Segment Final Address value for profile 2 is reached, the sequence is over and the composite
sweep has completed. Issuing another I/O UPDATE re-starts the burst process.
REV. PrB 1/30/03
Page 29
Analog Devices, Inc.
A continuous internal profile control mode is one in which the composite sweep is continuously
executed for as long as the device is programmed into that mode. Using the example above, except
programming the CFR1<29:27> bits to 101(b), the operation would be identical until the RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com