Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 20Page - Analog Devices AD9953PCB Datasheet HTML 21Page - Analog Devices AD9953PCB Datasheet HTML 22Page - Analog Devices AD9953PCB Datasheet HTML 23Page - Analog Devices AD9953PCB Datasheet HTML 24Page - Analog Devices AD9953PCB Datasheet HTML 25Page - Analog Devices AD9953PCB Datasheet HTML 26Page - Analog Devices AD9953PCB Datasheet HTML 27Page - Analog Devices AD9953PCB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Similarly, when the RAM output drives the phase offset adder the Frequency Tuning Word (FTW,
hex address 04h) drives the phase accumulator. When CFR1<31> is logic zero, the RAM is
inactive unless being written to via the serial port. The power up state of the AD9953 is single
tone mode, in which the RAM Enable bit is inactive. The RAM is segmented into four unique
slices controlled by the Profile<1:0> input pins.
All RAM writes/reads, unless otherwise specified, are controlled by the Profile<1:0> input pins
and the respective RAM Segment Control Word. The RAM can be written to during normal
operation BUT any IO operation that commands the RAM to be written immediately suspends read
operation from the RAM, causing the current mode of operation to be non-functional. This
excludes single tone mode, as the RAM is not read in this mode.
Modes of Operation
Single Tone Mode
In single tone mode, the DDS core uses a single tuning word. Whatever value is stored in FTW0 is
supplied to the phase accumulator. This value can only be changed statically, which is done by
writing a new value to FTW0 and issuing an I/O UPDATE. Phase adjustment is possible through
the phase offset register.
RAM Controlled Modes of Operation
Direct Switch Mode
Direct Switch Mode enables FSK or PSK modulation. The AD9953 is programmed for Direct
Switch Mode by writing the RAM Enable bit true and programming the RAM Segment Mode
Control bits of each desired profile to logic 000(b). This mode simply reads the RAM contents at
the RAM Segment Beginning Address for the current profile. No address ramping is enabled in
Direct Switch mode.
To perform 4-tone FSK, the user programs each RAM Segment Control Word for Direct Switch
Mode and a unique beginning address value. In addition, the RAM Enable bit is written true which
enables the RAM and the RAM destination bit is written false, setting the RAM output to be the
frequency tuning word. The Profile<1:0> inputs are the 4-tone FSK data inputs. When the profile
is changed, the frequency tuning word stored in the new profile is loaded into the phase
accumulator and used to increment the currently stored value in a phase continuous fashion. The
Phase Offset Word drives the phase-offset adder. 2-tone FSK is accomplished by using only one
Profile pin for data.
Programming the AD9953 for PSK modulation is similar to FSK except the RAM destination bit is
set to a logic 1, enabling the RAM output to drive the phase offset adder. The FTW drives the
input to the phase accumulator. Toggling the profile pins changes (modulates) the current phase
REV. PrB 1/30/03
Page 24
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com