Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 30 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 26Page - Analog Devices AD9953PCB Datasheet HTML 27Page - Analog Devices AD9953PCB Datasheet HTML 28Page - Analog Devices AD9953PCB Datasheet HTML 29Page - Analog Devices AD9953PCB Datasheet HTML 30Page - Analog Devices AD9953PCB Datasheet HTML 31Page - Analog Devices AD9953PCB Datasheet HTML 32Page - Analog Devices AD9953PCB Datasheet HTML 33Page - Analog Devices AD9953PCB Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Segment Final Address value for profile 2 is reached. At this point, instead of stopping the
sequence, it repeats starting with profile 0.
Programming AD9953 Features
Phase Offset Control
A 14-bit phase-offset (
θ) may be added to the output of the Phase Accumulator by means of the
Control Registers. This feature provides the user with three different methods of phase control.
The first method is a static phase adjustment, where a fixed phase-offset is loaded into the
appropriate phase-offset register and left unchanged. The result is that the output signal is offset by
a constant angle relative to the nominal signal. This allows the user to phase align the DDS output
with some external signal, if necessary.
The second method of phase control is where the user regularly UPDATEs the phase-offset register
via the I/O Port. By properly modifying the phase-offset as a function of time, the user can
implement a phase modulated output signal. However, both the speed of the I/O Port and the
frequency of sysclk limit the rate at which phase modulation can be performed.
The third method of phase control involves the RAM and the profile input pins. The AD9953 can
be configured such that the RAM drives the phase adjust circuitry. The user can control the phase
offset via the RAM in an identical manner allowed for frequency sweeping. See the RAM Control
and the Sweep Modes of Operation sections for details.
Phase/Amplitude Dithering
The AD9953 DDS core includes optional phase and/or amplitude dithering controlled via the
CFR1<20:16> bits.
Phase dithering is the randomization of the state of the least significant bits of each phase word.
Phase dithering reduces spurious signal strength caused by phase truncation by spreading the
spurious energy over the entire spectrum. The downside to dithering is a rise in the noise floor.
Amplitude dithering is similar, except it affects the output signal routed to the DAC.
The AD9953 uses a 32-bit linear feedback shift register (LFSR), shown in Figure 7 below, to
generate the pseudo random binary sequence that is used for both phase and amplitude dither data.
The LFSR will generate, at the sync_clk rate, the pseudo random sequence only if dithering is
enabled. The enable signal is the 4-input OR of the dithering control bits (CFR1<20:16>).
REV. PrB 1/30/03
Page 30
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com