Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 13Page - Analog Devices AD9953PCB Datasheet HTML 14Page - Analog Devices AD9953PCB Datasheet HTML 15Page - Analog Devices AD9953PCB Datasheet HTML 16Page - Analog Devices AD9953PCB Datasheet HTML 17Page - Analog Devices AD9953PCB Datasheet HTML 18Page - Analog Devices AD9953PCB Datasheet HTML 19Page - Analog Devices AD9953PCB Datasheet HTML 20Page - Analog Devices AD9953PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
CFR1<25>: Shaped On-Off Keying enable bit.
When CFR1<25> = 0 (default,) Shaped On-Off Keying is bypassed.
When CFR1<25> = 1, Shaped On-Off Keying is enabled. When enabled,
CFR1<24> controls the mode of operation for this function.
CFR1<24>: AUTO Shaped On-Off Keying enable bit (only valid when CFR1<25> is
active high).
When CFR1<24> = 0 (default). When CFR1<25> is active, a logic 0 on CFR1<24>
enables the MANUAL Shaped On-Off Keying operation. See the Shaped On-Off
Keying section of this document for details.
When CFR1<24> = 1, if CFR1<25> is active, a logic 1 on CFR1<24> enables the
AUTO Shaped On-Off Keying operation. See the Shaped On-Off Keying section of
this document for details.
CFR1<23>: Automatic Synchronization Enable Bit.
When CFR1<23> = 0 (default), the automatic synchronization feature is inactive.
When CFR1<23> = 1, the automatic synchronization feature is active. See the
Synchronizing Multiple AD9953s section of this document for details.
CFR1<22>: Software Manual Synchronization bit.
When CFR1<22> = 0 (default), the manual synchronization of multiple AD9953s
feature is inactive.
When CFR1<22> = 1, the software controlled manual synchronization of multiple
AD9954s feature is executed. The SYNC_CLK rising edge is advanced by one
SYSCLK cycle and this bit is cleared. To advance the rising edge multiple times, this
bit needs to be set for each advance. See the Synchronizing Multiple AD9953s
section of this document for details.
.
REV. PrB 1/30/03
Page 17
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com