Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 5 Page - Analog Devices

  AD9953PCB Datasheet HTML 1Page - Analog Devices AD9953PCB Datasheet HTML 2Page - Analog Devices AD9953PCB Datasheet HTML 3Page - Analog Devices AD9953PCB Datasheet HTML 4Page - Analog Devices AD9953PCB Datasheet HTML 5Page - Analog Devices AD9953PCB Datasheet HTML 6Page - Analog Devices AD9953PCB Datasheet HTML 7Page - Analog Devices AD9953PCB Datasheet HTML 8Page - Analog Devices AD9953PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Parameter
Temp
Test
Min
Typ
Max
Units
Level
160 MHz Analog Out (± 50 kHz)
+25°C
V
dBc
160MHz Analog Out (± 10 kHz)
+25°C
V
dBc
TIMING CHARACTERISTICS
Serial Control Bus
Maximum Frequency
Minimum Clock Pulse Width Low (tPWL)
Minimum Clock Pulse Width High (tPWH)
Maximum Clock Rise/Fall Time
Minimum Data Setup Time (tDS)
Minimum Data Hold Time (tDH)
Maximum Data Valid Time (tDV)
Wake-Up Time2
Minimum Reset Pulsewidth High (tRH)
FULL
FULL
FULL
FULL
FULL
FULL
FULL
FULL
FULL
FULL
IV
IV
IV
IV
IV
IV
IV
IV
IV
IV
7
7
10
0
25
5
5
1
25
MHz
ns
ns
ns
ns
ns
ns
ms
SYSCLK cycles3
CMOS LOGIC INPUTS
Logic “1” Voltage @ DVDD = 1.8V
Logic “0” Voltage @ DVDD = 1.8V
Logic “1” Voltage @ DVDD = 3.3V
Logic “0” Voltage @ DVDD = 3.3V
Logic “1” Current
Logic “0” Current
Input Capacitance
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
I
I
I
I
V
1.25
2.2
3
0.6
0.8
12
12
V
V
V
V
µA
µA
pF
CMOS LOGIC OUTPUTS (1mA load) DVDD=1.8V
Logic “1” Voltage
Logic “0” Voltage
+25°C
+25°C
I
I
1.35
0.4
V
V
POWER SUPPLY
+VS Current
Full Operating Conditions
400 MHz Clock
120 MHz Clock
Power-Down Mode
Full-Sleep Mode
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
I
I
I
I
I
I
30
TBD
TBD
TBD
TBD
TBD
mA
mA
mA
mA
mA
mA
REV. PrB 1/30/03
Page 5
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com