Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 4Page - Analog Devices AD9953PCB Datasheet HTML 5Page - Analog Devices AD9953PCB Datasheet HTML 6Page - Analog Devices AD9953PCB Datasheet HTML 7Page - Analog Devices AD9953PCB Datasheet HTML 8Page - Analog Devices AD9953PCB Datasheet HTML 9Page - Analog Devices AD9953PCB Datasheet HTML 10Page - Analog Devices AD9953PCB Datasheet HTML 11Page - Analog Devices AD9953PCB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Hardware Pin Descriptions
Pin #
Pin Name
I/O
Description
1
I/O UPDATE
I
The rising edge transfers the contents of the internal
buffer memory to the IO Registers.
2,34
DVDD
I
Digital power supply pins.
3,33,
42
DGND
I
Digital power ground pins.
4,6,
13,16,
18,19,
25,27,
29
AVDD
I
Analog power supply pins.
5,7,
14,15,
17,22,
26,
30,31
32
AGND
I
Analog power ground pins.
8
OSCB/REFCLKB
I
Complementary reference clock/oscillator input
(400MHz max.). NOTE: When the REFCLK port is
operated in single-ended mode, then REFCLKB should
be decoupled to AVDD with a 0.1
µF capacitor.
9
OSC/REFCLK
I
Reference clock/oscillator input (400 MHz max.). See
Clock Input section of datasheet for details on the
REFCLK/OSCILLATOR operation.
10
Crystal Out
O
Output of the oscillator section.
11
ClkModeSelect
I
Control pin for the oscillator section. When high, the
oscillator section is enabled. When low, the oscillator
section is bypassed.
12
LOOP_FILTER
I
This Pin provides the connection for the external zero
compensation network of the REFCLK Multiplier’s PLL
loop filter. The network consists of a 1K ohm resistor in
series with a 0.1
µF capacitor tied to AVDD.
20
IOUTB
O
Complementary DAC output.
21
IOUT
O
DAC output.
23
DACBP
I
DAC “biasline” decoupling pin.
24
DAC_Rset
I
A resistor (3.85K
Ω nominal) connected from AGND to
DAC_Rset establishes the reference current for the
DAC.
28
NC
O
No connect.
35
PwrDwnCtl
I
Input pin used as an external power down control. See
the External Power Down Control section of this
document for details.
REV. PrB 1/30/03
Page 8
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com