Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9953PCB
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9953PCB Datasheet HTML 11Page - Analog Devices AD9953PCB Datasheet HTML 12Page - Analog Devices AD9953PCB Datasheet HTML 13Page - Analog Devices AD9953PCB Datasheet HTML 14Page - Analog Devices AD9953PCB Datasheet HTML 15Page - Analog Devices AD9953PCB Datasheet HTML 16Page - Analog Devices AD9953PCB Datasheet HTML 17Page - Analog Devices AD9953PCB Datasheet HTML 18Page - Analog Devices AD9953PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
<7:0>
RAM Segment 0 Mode Control <2:0>
No Dwell
Active
RAM Segment 0 Beginning Address <9:6>
PS0=0
PS1=0
<15:8>
RAM Segment 0 Beginning Address <5:0>
RAM Segment 0
Final Address <9:8>
PS0=0
PS1=0
<23:16>
RAM Segment 0 Final Address <7:0>
PS0=0
PS1=0
<31:24>
RAM Segment 0 Address Ramp Rate <15:8>
PS0=0
PS1=0
RAM
Segment
Control
Word #0
(RSCW0)
(07h)
<39:32>
RAM Segment 0 Address Ramp Rate <7:0>
PS0=0
PS1=0
<7:0>
RAM Segment 1 Mode Control <2:0>
No Dwell
Active
RAM Segment 1 Beginning Address <9:6>
PS0=1
PS1=0
<15:8>
RAM Segment 1 Beginning Address <5:0>
RAM Segment 1
Final Address <9:8>
PS0=1
PS1=0
<23:16>
RAM Segment 1 Final Address <7:0>
PS0=1
PS1=0
<31:24>
RAM Segment 1Address Ramp Rate <15:8>
PS0=1
PS1=0
RAM
Segment
Control
Word #1
(RSCW1)
(08h)
<39:32>
RAM Segment 1 Address Ramp Rate <7:0>
PS0=1
PS1=0
<7:0>
RAM Segment 2 Mode Control <2:0>
No Dwell
Active
RAM Segment 2 Beginning Address <9:6>
PS0=0
PS1=1
<15:8>
RAM Segment 2 Beginning Address <5:0>
RAM Segment 2
Final Address <9:8>
PS0=0
PS1=1
<23:16>
RAM Segment 2 Final Address <7:0>
PS0=0
PS1=1
<31:24>
RAM Segment 2 Address Ramp Rate <15:8>
PS0=0
PS1=1
RAM
Segment
Control
Word #2
(RSCW2)
(09h)
<39:32>
RAM Segment 2 Address Ramp Rate <7:0>
PS0=0
PS1=1
<7:0>
RAM Segment 3 Mode Control <2:0>
No Dwell
Active
RAM Segment 3 Beginning Address <9:6>
PS0=1
PS1=1
<15:8>
RAM Segment 3 Beginning Address <5:0>
RAM Segment 3
Final Address <9:8>
PS0=1
PS1=1
<23:16>
RAM Segment 3 Final Address <7:0>
PS0=1
PS1=1
<31:24>
RAM Segment 3 Address Ramp Rate <15:8>
PS0=1
PS1=1
RAM
Segment
Control
Word #3
(RSCW3)
(0Ah)
<39:32>
RAM Segment 3 Address Ramp Rate <7:0>
PS0=1
PS1=1
RAM
(0Bh)
<31:0>
RAM [1023:0] <31:0>
(Read Instructions write out RAM Signature Register data)
-
REV. PrB 1/30/03
Page 15
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com