Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 115 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 115 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 109Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 110Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 111Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 112Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 113Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 114Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 115Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 116Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 117Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 115 / 117 page
background image
ADAU1772
Data Sheet
Rev. C | Page 114 of 116
OUTLINE DIMENSIONS
Figure 105. 40-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
6 mm × 6 mm Body, Very Very Thin Quad
(CP-40-10)
Dimension shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADAU1772BCPZ
−40°C to +85°C
40-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-40-10
ADAU1772BCPZ-R7
−40°C to +85°C
40-Lead Lead Frame Chip Scale Package [LFCSP_WQ], 7”Tape and Reel
CP-40-10
ADAU1772BCPZ-RL
−40°C to +85°C
40-Lead Lead Frame Chip Scale Package [LFCSP_WQ], 13”Tape and Reel
CP-40-10
EVAL-ADAU1772Z
Evaluation Board
1
Z = RoHS Compliant Part.
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
EXPOSED
PAD
PIN 1
INDICATOR
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.23
0.18
6.10
6.00 SQ
5.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.45
0.40
0.35
0.25 MIN
4.45
4.30 SQ
4.25
COMPLIANT TO JEDEC STANDARDS MO-220-WJJD.
40
1
11
20
21
30
31
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com