Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 109 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 109 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 105Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 106Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 107Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 108Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 109Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 110Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 111Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 112Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 113Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 117 page
background image
ADAU1772
Data Sheet
Rev. C | Page 108 of 116
Bits
Bit Name
Settings
Description
Reset
Access
[5:4]
AFE_IBIAS23
Analog Front-End 2 and Analog Front-End 3 bias current setting. Higher
bias currents result in higher performance.
0x0
RW
00
Normal operation (default)
01
Extreme power saving
10
Enhanced performance
11
Power saving
[3:2]
MIC_IBIAS
Microphone input bias current setting. Higher bias currents result in
higher performance.
0x0
RW
00
Normal operation (default)
01
Extreme power saving
10
Enhanced performance
11
Power saving
[1:0]
DAC_IBIAS
DAC bias current setting. Higher bias currents result in higher performance.
0x0
RW
00
Normal operation (default)
01
Power saving
10
Superior performance
11
Enhanced performance
DIGITAL PIN PULL-UP CONTROL 0 REGISTER
Address: 0x0048, Reset: 0x7F, Name: PAD_CONTROL0
Controls the behavior of the pad. Possible to enable pull-up.
Table 99. Bit Descriptions for PAD_CONTROL0
Bits
Bit Name
Settings
Description
Reset
Access
6
DMIC2_3_PU
Pull-up disable.
0x1
RW
0
Pull-up enabled
1
Pull-up disabled
5
DMIC0_1_PU
Pull-up disable.
0x1
RW
0
Pull-up enabled
1
Pull-up disabled
4
LRCLK_PU
Pull-up disable.
0x1
RW
0
Pull-up enabled
1
Pull-up disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com