Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 108 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 108 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 104Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 105Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 106Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 107Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 108Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 109Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 110Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 111Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 117 page
background image
Data Sheet
ADAU1772
Rev. C | Page 107 of 116
Table 97. Bit Descriptions for BIAS_CONTROL0
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
HP_IBIAS
Headphone output bias current setting. Higher bias currents result in
higher performance.
0x0
RW
00
Normal operation (default)
01
Extreme power saving
10
Enhanced performance
11
Power saving
[5:4]
AFE_IBIAS01
Analog Front-End 0 and Analog Front-End 1 bias current setting. Higher
bias currents result in higher performance.
0x0
RW
00
Normal operation (default)
01
Extreme power saving
10
Enhanced performance
11
Power saving
[3:2]
ADC_IBIAS23
ADC2 and ADC3 bias current setting. Higher bias currents result in higher
performance.
0x0
RW
00
Normal operation (default)
01
Reserved
10
Enhanced performance
11
Power saving
[1:0]
ADC_IBIAS01
ADC0 and ADC1 bias current setting. Higher bias currents result in higher
performance.
0x0
RW
00
Normal operation (default)
01
Reserved
10
Enhanced performance
11
Power saving
ANALOG BIAS CONTROL 1 REGISTER
Address: 0x0047, Reset: 0x00, Name: BIAS_CONTROL1
Table 98. Bit Descriptions for BIAS_CONTROL1
Bits
Bit Name
Settings
Description
Reset
Access
6
CBIAS_DIS
Central analog bias circuitry. Higher bias currents result in higher
performance.
0x0
RW
0
Powered up
1
Powered down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com