Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 105 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 105 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 101Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 102Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 103Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 104Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 105Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 106Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 107Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 108Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 117 page
background image
ADAU1772
Data Sheet
Rev. C | Page 104 of 116
Table 94. Bit Descriptions for OP_STAGE_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
5
HP_EN_R
Sets the right channel in line output or headphone mode.
0x0
RW
0
Right output in line output mode
1
Right output in headphone mode
4
HP_EN_L
Sets the left channel in line output or headphone mode.
0x0
RW
0
Left output in line output mode
1
Left output in headphone output mode
[3:2]
HP_PDN_R
Output stage power control. Powers down the right output stage, regardless
of whether the device is in line output or headphone mode. After enabling
the headphone output, wait at least 6 ms before unmuting the headphone
output by setting HP_MUTE_R in the OP_STAGE_MUTES register to 00.
0x3
RW
00
HPOUTRN/LOUTRN and HPOUTRP/LOUTRP outputs enabled
01
HPOUTRN/LOUTRN enabled, HPOUTRP/LOUTRP disabled
10
HPOUTRN/LOUTRN disabled, HPOUTRP/LOUTRP enabled
11
Right output stages powered down
[1:0]
HP_PDN_L
Output stage power control. Powers down the left output stage, regardless
of whether the device is in line output or headphone mode. After enabling
the headphone output, wait at least 6 ms before unmuting the headphone
output by setting HP_MUTE_L in the OP_STAGE_MUTES register to 00.
0x3
RW
00
HPOUTLN/LOUTLN and HPOUTLP/LOUTLP outputs enabled
01
HPOUTLN/LOUTLN enabled, HPOUTLP/LOUTLP disabled
10
HPOUTLN/LOUTLN disabled, HPOUTLP/LOUTLP enabled
11
Left output stages powered down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com